Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC62D902FG Fiches technique(PDF) 7 Page - Toshiba Semiconductor

No de pièce TC62D902FG
Description  Offline Isolated AC/DC Flyback LED Controller built-in PFC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D902FG Fiches technique(HTML) 7 Page - Toshiba Semiconductor

Back Button TC62D902FG Datasheet HTML 3Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 4Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 5Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 6Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 7Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 8Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 9Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 10Page - Toshiba Semiconductor TC62D902FG Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TC62D902FG
2014-10-01
7
11. Description of Operation
The basic circuit of this product is a flyback power supply.
An average LED current value is controlled by the peak current value ( IS ) of the secondary,
and the pulse width ( tS ) and the duty cycle control..
Start-Up Resistor)
This device is supplied operating current from the VCC terminal. The UVLO release voltage
threshold of the VCC pin in this case is a maximum of 13 V, the static operating current is a
maximum of 15 μA and the operating supply current is a maximum of 2.5 mA.
Therefore, start-up resistor R ( VCC ) can be calculated below.
R(VCC) ≦ (IC activation voltage/15μA) - (UVLO release voltage13V/2.5mA)
In the normal operation, this device gets an operating current from the bias side of the
transformer. It selects so as not for the VCC pin to exceed 24 V in the turn-ratio of the secondary
and the bias. When the turn-ratio is 1, the secondary voltage and the bias voltage are the
same almost.
Bias Voltage = LED VF / Turns ratio of Secondary and bias.
For example, if the VF of the LED is equal to or less than 24 V, the turn-ratio of the secondary and
the bias is 1:1. When the VF of the LED is bigger than the high value of VCC, it adjusts with the
turn-ratio or the Zener diode.
RSEN
ISEN
VSEN
Q1
VIN
VIN(peak)
VCC
Start-Up resistor
R(VCC)
1V
1V
VF
VF+1V
VF+1V
VF
GND
Ntr=Pri:Sec
Option Zener Diode:
When Vcc over than 24V.


Numéro de pièce similaire - TC62D902FG

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFG TOSHIBA-TC62D722CFG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
logo
Marktech Corporate
TC62D722CFG MARKTECH-TC62D722CFG_15 Datasheet
771Kb / 43P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D722CFNG TOSHIBA-TC62D722CFNG Datasheet
771Kb / 43P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
TC62D723FG TOSHIBA-TC62D723FG Datasheet
715Kb / 44P
   16-Output constant current LED driver with the output gain control function and the PWM grayscale function
More results

Description similaire - TC62D902FG

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799-1 LINER-LT3799-1_15 Datasheet
216Kb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
LT3799 LINER-LT3799 Datasheet
1Mb / 20P
   Offline Isolated Flyback LED Controller with Active PFC
logo
Monolithic Power System...
MP4054 MPS-MP4054 Datasheet
758Kb / 19P
   Non-isolated Offline LED Controller with Active PFC
MP4051 MPS-MP4051 Datasheet
600Kb / 16P
   Non-isolated Solution Offline LED Controller with Active PFC
logo
MPS Industries, Inc.
P3799 MPSIND-P3799 Datasheet
499Kb / 2P
   OFFLINE ISOLATED FLYBACK TRANSFORMERS
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
   TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
logo
Linear Technology
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
   Offline Isolated Flyback Converter
logo
Texas Instruments
LM3444 TI1-LM3444_15 Datasheet
362Kb / 27P
[Old version datasheet]   AC-DC Offline LED Driver
LM3444MM TI-LM3444MM Datasheet
923Kb / 30P
[Old version datasheet]   AC-DC Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com