Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62510DRCR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62510DRCR
Description  High Efficiency Step-Down Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62510DRCR Fiches technique(HTML) 4 Page - Texas Instruments

  TPS62510DRCR Datasheet HTML 1Page - Texas Instruments TPS62510DRCR Datasheet HTML 2Page - Texas Instruments TPS62510DRCR Datasheet HTML 3Page - Texas Instruments TPS62510DRCR Datasheet HTML 4Page - Texas Instruments TPS62510DRCR Datasheet HTML 5Page - Texas Instruments TPS62510DRCR Datasheet HTML 6Page - Texas Instruments TPS62510DRCR Datasheet HTML 7Page - Texas Instruments TPS62510DRCR Datasheet HTML 8Page - Texas Instruments TPS62510DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TPS62510
SLVS651B – MAY 2006 – REVISED DECEMBER 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Supply voltage at PVIN, AVIN
–0.3
4
V
Voltage at EN, MODE, OVT, FB, PG(2)
–0.3
4
V
Voltage at SW(2)
–0.3
VIN + 0.3
V
TJ
Operating junction temperature
–40
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage on pins PVIN and AVIN
1.8
3.8
V
VOUT
Output voltage
0.6
VIN
V
IOUT
Output current, VIN = 1.8 V to 3.6 V
1500
mA
L
Inductor value
2.2
μH
CIN
Input capacitor value(1)
10
μF
COUT
Output capacitance value(1)
22
μF
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
See Application and Implementation for more information.
6.4 Thermal Information
TPS62510
THERMAL METRIC(1)
DRC [VSON]
UNIT
10 PINS
RθJA
Junction-to-ambient thermal resistance
48.5
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
71.2
°C/W
RθJB
Junction-to-board thermal resistance
23.0
°C/W
ψJT
Junction-to-top characterization parameter
2.1
°C/W
ψJB
Junction-to-board characterization parameter
23.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: TPS62510


Numéro de pièce similaire - TPS62510DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62510DRCR TI-TPS62510DRCR Datasheet
2Mb / 24P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
TPS62510DRCRG4 TI-TPS62510DRCRG4 Datasheet
2Mb / 24P
[Old version datasheet]   1.5-A, LOW VI HIGH EFFICIENCY STEP-DOWN CONVERTER
More results

Description similaire - TPS62510DRCR

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
logo
Semtech Corporation
SC1578 SEMTECH-SC1578 Datasheet
130Kb / 5P
   HIGH-EFFICIENCY STEP-DOWN DC-DC CONVERTER
logo
Richtek Technology Corp...
RT8060 RICHTEK-RT8060 Datasheet
269Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
logo
Linear Technology
LTC3637EMSE LINER-LTC3637EMSE Datasheet
726Kb / 8P
   High Efficiency 76V, 1A Step-Down Converter
logo
Richtek Technology Corp...
RT8060A RICHTEK-RT8060A Datasheet
235Kb / 10P
   1.5MHz, 1A High Efficiency Step-Down Converter
logo
Fairchild Semiconductor
FAN5307 FAIRCHILD-FAN5307 Datasheet
623Kb / 13P
   High-Efficiency Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE725E ACE-ACE725E Datasheet
867Kb / 11P
   24V , 1.2A High Efficiency Step-Down Converter
VER 1.1
logo
Analog Intergrations Co...
AIC1578 AIC-AIC1578 Datasheet
266Kb / 7P
   High-Efficiency, Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com