Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A6550-Q1 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TPS7A6550-Q1
Description  Low-Dropout Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6550-Q1 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS7A6550-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 11Page - Texas Instruments TPS7A6550-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
0
20
40
60
80
100
120
Frequency (Hz)
VIN = 14V
IOUT = 1mA
TA = 25°C
COUT = 10µF
VOUT = 5V, 3.3V
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
Frequency (Hz)
VIN = 14V
IOUT = 250mA
TA = 25°C
COUT = 10µF
VOUT = 5V, 3.3V
TPS7A6533-Q1, TPS7A6550-Q1
SLVSA98D – MAY 2010 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 13. PSRR at Heavy Load Current
Figure 14. PSRR at Light Load Current
8
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TPS7A6533-Q1 TPS7A6550-Q1


Numéro de pièce similaire - TPS7A6550-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6550-Q1 TI1-TPS7A6550-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
More results

Description similaire - TPS7A6550-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_15 Datasheet
188Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com