Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3691TL-1.8 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM3691TL-1.8
Description  High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691TL-1.8 Fiches technique(HTML) 4 Page - Texas Instruments

  LM3691TL-1.8 Datasheet HTML 1Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 2Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 3Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 4Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 5Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 6Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 7Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 8Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
EN
MODE
FB
VIN
SW
GND
A1
B1
C1
A2
B2
C2
EN
MODE
FB
VIN
SW
GND
A2
B2
C2
A1
B1
C1
LM3691
SNVS506J – MAY 2008 – REVISED DECEMBER 2015
www.ti.com
6 Pin Configuration and Functions
YZR Package
YZR Package
6-Pin DSBGA
6-Pin DSBGA
Top View
Bottom View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
EN pin. The device is in shutdown mode when voltage to this pin is < 0.4 V and enabled when
A1
EN
I
> 1.2 V. Do not leave this pin floating
A2
VIN
P
Power supply input. Connect to the input filter capacitor. (See Typical Application Circuit.)
MODE pin: Mode = 1, forced PWM; mode = 0, ECO
B1
MODE
I
Do not leave this pin floating.
B2
SW
A
Switching node connection to the internal PFET switch and NFET synchronous rectifier.
Feedback analog input. Connect directly to the output filter capacitor.
C1
FB
A
(See Typical Application Circuit.)
C2
GND
G
Ground pin.
(1)
A: Analog Pin, D: Digital Pin, G: Ground Pin, P: Power Pin, I: Input Pin, I/O; Input/Output, O: Output Pin
4
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: LM3691


Numéro de pièce similaire - LM3691TL-1.8

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3691TL-1.8 NSC-LM3691TL-1.8 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
More results

Description similaire - LM3691TL-1.8

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3691 TI1-LM3691_14 Datasheet
2Mb / 23P
[Old version datasheet]   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com