Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BQ33100 Fiches technique(PDF) 61 Page - Texas Instruments

No de pièce BQ33100
Description  Super Capacitor Manager
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

BQ33100 Fiches technique(HTML) 61 Page - Texas Instruments

Back Button BQ33100_15 Datasheet HTML 57Page - Texas Instruments BQ33100_15 Datasheet HTML 58Page - Texas Instruments BQ33100_15 Datasheet HTML 59Page - Texas Instruments BQ33100_15 Datasheet HTML 60Page - Texas Instruments BQ33100_15 Datasheet HTML 61Page - Texas Instruments BQ33100_15 Datasheet HTML 62Page - Texas Instruments BQ33100_15 Datasheet HTML 63Page - Texas Instruments BQ33100_15 Datasheet HTML 64Page - Texas Instruments BQ33100_15 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 67 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
8-Apr-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
BQ33100PW
ACTIVE
TSSOP
PW
24
60
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
33100
BQ33100PWR
ACTIVE
TSSOP
PW
24
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-40 to 85
33100
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Numéro de pièce similaire - BQ33100_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ33100PW TI1-BQ33100PW Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ33100PWR TI1-BQ33100PWR Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
More results

Description similaire - BQ33100_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100 Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
logo
Illinois Capacitor, Inc...
405DLR2R5K ILLINOISCAPACITOR-405DLR2R5K Datasheet
83Kb / 4P
   Super capacitor
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
List of Unclassifed Man...
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
   SwitchStarTM Switch Manager
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
   WMPF1E HORIZONTAL MANAGER
08A
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com