Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA77-1 Fiches technique(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

No de pièce SMA77-1
Description  Cascadable Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SMA77-1 Fiches technique(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SMA77-1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SMA77-1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SMA77-1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. SMA77-1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Cascadable Amplifier
5 - 600 MHz
Rev. V3
A77-1 / SMA77-1
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 High Level Output: 16.5 dBm
 High Third Order I.P.: 30 dBm
 Extended Bandwidth: 5 - 600 MHz
 Wide Power Supply Range: 8 to 15 Volts
Description
The A77-1 RF amplifier is a discrete hybrid
design, which incorporates the use of thin film
manufacturing processes for accurate performance
and high reliability. The single stage silicon bipolar
transistor
feedback
amplifier
design
displays
impressive
performance
over
a
broadband
frequency range. An active DC biasing network is
used for temperature-stable performance, in addition
to an RF Choke, used for power supply decoupling.
Both TO-8 and surface mount packages are hermeti-
cally sealed, and MIL-STD-883 environmental
screening is available.
Ordering Information
Part Number
Package
A77-1
TO-8
SMA77-1
Surface Mount
CA77-1**
SMA Connectorized
Product Image
** The connectorized version is not RoHS compliant.
Electrical Specifications: Z0 = 50 , VCC = 15 VDC Nominal
*
Parameter
Typical
Guaranteed
Units
25ºC
0º to 50ºC
-54º to +85ºC
Frequency
MHz
2-700
5-600
5-600
Small Signal Gain (min.)
dB
16.0
15.0
14.5
Gain Flatness (max.)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
17
Noise Figure (max.)
dB
5.0
6.5
7.0
Power Output @ 1 dB comp. (min.)
dBm
16.5
15.0
14.5
IP3
dBm
+30
IP2
dBm
+43
Second Order Harmonic IP
dBm
+49
VSWR Input / Output (max.)
1.5:1 / 1.5:1
1.8:1 / 1.8:1
2.0:1 / 2.0:1
DC Current (max.)
mA
50
53
56
Over temperature performance limits for part number CA77-1, guaranteed from 0oC to +50oC only.


Numéro de pièce similaire - SMA77-1

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
SMA77-1 MACOM-SMA77-1 Datasheet
104Kb / 1P
   5 TO 600 MHz CASCADABLE AMPLIFIER
SMA77-1 MACOM-SMA77-1 Datasheet
389Kb / 2P
   Cascadable Amplifier 5 to 600 MHz
logo
M/A-COM Technology Solu...
SMA77-1 MA-COM-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results

Description similaire - SMA77-1

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
A87-2 MA-COM-A87-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
A75-2 MA-COM-A75-2 Datasheet
1Mb / 2P
   Cascadable Amplifier Cascadable Amplifier
EA53-2 MA-COM-EA53-2 Datasheet
129Kb / 2P
   Cascadable Amplifier
A70-3-SMA70-3 MA-COM-A70-3-SMA70-3 Datasheet
1Mb / 2P
   Cascadable Amplifier
MAAM-008198-00A162 MA-COM-MAAM-008198-00A162 Datasheet
1Mb / 2P
   Cascadable Amplifier
A18-1-SMA18-1 MA-COM-A18-1-SMA18-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
A26-SMA26 MA-COM-A26-SMA26 Datasheet
205Kb / 2P
   Cascadable Amplifier
A28-SMA28 MA-COM-A28-SMA28 Datasheet
1Mb / 2P
   Cascadable Amplifier
A59-SMA59 MA-COM-A59-SMA59 Datasheet
1Mb / 2P
   Cascadable Amplifier
A74-SMA74 MA-COM-A74-SMA74 Datasheet
1Mb / 2P
   Cascadable Amplifier
A77-1-SMA77-1 MA-COM-A77-1-SMA77-1 Datasheet
1Mb / 2P
   Cascadable Amplifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com