Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC1875-SP Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce UC1875-SP
Description  Rad-Tolerant Class-V, Phase Shift Resonant Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC1875-SP Fiches technique(HTML) 7 Page - Texas Instruments

Back Button UC1875-SP_15 Datasheet HTML 3Page - Texas Instruments UC1875-SP_15 Datasheet HTML 4Page - Texas Instruments UC1875-SP_15 Datasheet HTML 5Page - Texas Instruments UC1875-SP_15 Datasheet HTML 6Page - Texas Instruments UC1875-SP_15 Datasheet HTML 7Page - Texas Instruments UC1875-SP_15 Datasheet HTML 8Page - Texas Instruments UC1875-SP_15 Datasheet HTML 9Page - Texas Instruments UC1875-SP_15 Datasheet HTML 10Page - Texas Instruments UC1875-SP_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
200
%
T
q =
f
(4)
Phase shift percentage (0% = 0 , 100% = 180 ) is defined as
where is the phase shift, and and T are defined in Figure 1.
UC1875-SP
www.ti.com
SLUSAQ9B – DECEMBER 2011 – REVISED DECEMBER 2015
7.5 Electrical Characteristics
–55°C < TA < 125°C. VC = VIN = 12 V, R(FREQSET) = 12 kΩ, C(FREQSET) = 330 pF, R(SLOPE) = 12 kΩ, C(RAMP) = 200 pF,
C(DELAYSET A-B) = C(DELAYSET C-D) = 0.01 µF, I(DELAYSET A-B) = I(DELAYSET C-D) = –500 µA, TA = TJ, unless otherwises stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDERVOLTAGE LOCKOUT
Start threshold
10.75
11.75
V
UVLO hysteresis
0.5
1.25
2
V
SUPPLY CURRENT
VIN = 8 V, VC = 20 V, R(SLOPE) open,
IIN Startup
150
600
μA
I(DELAY) = 0
VIN = 8 V, VC = 20 V, R(SLOPE) open,
IC Startup
10
100
µA
I(DELAY) = 0
IIN
30
44
mA
IC
15
30
mA
VOLTAGE REFERENCE
Output voltage
TJ = 25°C
4.92
5
5.08
V
Line regulation
11 V < VIN < 20 V
1
10
mV
Load regulation
IVREF = –10 mA
5
20
mV
Total variation
Line, Load, Temperature
4.9
5.1
V
Noise Voltage
10 Hz to 10 kHz
50
µVrms
Long Term Stability
TJ = 125°C, 1000 hours
2.5
mV
Short circuit current
VREF = 0 V, TJ = 25°C
60
mA
ERROR AMPLIFIER
Offset voltage
5
15
mV
Input bias current
0.6
3
μA
AVOL
1 V < V(E/AOUT) < 4 V
60
90
dB
CMMR
1.5 V < VCM < 5.5 V
75
95
dB
PSRR
11 V < VIN < 20 V
85
100
dB
Output sink current
V(E/AOUT) = 1 V
1
2.5
mA
Output source current
I(E/AOUT) = 4 V
–1.3
–0.5
mA
Output voltage high
I (E/AOUT) = –0.5 mA
4
4.7
5
V
Output voltage low
I(E/AOUT) = 1 mA
0
0.5
1
V
01 device
5
Unity Gain BW
See (1)
MHz
02 device
7
Slew rate
See (1)
6
11
V/
μs
PWM COMPARATOR
RAMP offset voltage
TJ = 25°C
(2)
1.3
V
Zero phase shift voltage
See (3)
0.55
0.9
V
01 device
98% 99.5%
102%
V(E/AOUT) > (Ramp Peak + Ramp Offset)
PWM phase shift (4)(5)
02 device
96%
100%
104%
V(E/AOUT) < Zero Phase Shift Voltage
0%
0.5%
2%
Output skew (4) (5)
V(E/AOUT) > 1 V
5
±20
ns
Ramp to output delay (6) (1)
65
125
(1)
Not production tested.
(2)
Ramp offset voltage has a temperature coefficient of about –4 mV/°C.
(3)
The zero phase shift voltage has a temperature coefficient of about –2 mV/°C.
At 0% phase shift, is the output skew.
(5)
Not production tested at –55·C.
(6)
Ramp delay to output time is defined in Figure 1
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: UC1875-SP


Numéro de pièce similaire - UC1875-SP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results

Description similaire - UC1875-SP_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com