Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71533QDCKRQ1 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS71533QDCKRQ1
Description  Supply Current Low-Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71533QDCKRQ1 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS71533QDCKRQ1 Datasheet HTML 1Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 2Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 3Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 4Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 5Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 6Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 7Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 8Page - Texas Instruments TPS71533QDCKRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
0
100
200
300
400
500
600
0
10
20
30
40
50
TJ = 125°C
TJ = 25°C
TJ = −40°C
Output Current (mA)
Frequency (Hz)
14
8
0
12
2
4
10
IOUT = 1 mA
100
1 M
10
1k
10k
100k
10 M
IOUT = 50 mA
6
16
18
2
2.5
3
3.5
4
4.5
−40 −25 −10 5
20 35 50 65 80 95 110 125
Free-Air Temperature (°C)
100
1 k
10 k
100 k
Frequency (Hz)
IOUT = 1 mA
IOUT = 50 mA
0
1
2
3
4
5
6
7
8
3.290
3.295
3.300
3.305
3.310
3.315
3.320
0
10
20
30
40
50
Output Current (mA)
−40 −25 −10 5
20 35 50 65 80 95 110 125
Free−Air Temperature (°C)
3.25
3.26
3.27
3.28
3.29
3.30
3.31
3.32
IOUT = 50 mA
IOUT = 1 mA
5
TPS71501-Q1, TPS71525-Q1, TPS71530-Q1, TPS71533-Q1, TPS71550-Q1
www.ti.com
SGLS272H – OCTOBER 2004 – REVISED DECEMBER 2015
Product Folder Links: TPS71501-Q1 TPS71525-Q1 TPS71530-Q1 TPS71533-Q1 TPS71550-Q1
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
6.6 Typical Characteristics
VIN = 4.3 V
C OUT = 1 μF
TJ = 25°C
Figure 1. Output Voltage vs Output Current
VIN = 4.3 V
COUT = 1 µF
Figure 2. Output Voltage vs Free-air Temperature
VIN = 4.3 V
VOUT = 3.3 V
IOUT = 1 μF
Figure 3. Quiescent Current vs Free-air Temperature
VIN = 4.3 V
VOUT = 3.3 V
C OUT = 1 μF
Figure 4. Output Spectral Noise Density vs Frequency
VIN = 4.3 V
VOUT = 3.3 V
C OUT = 1 μF
TJ = 25°C
Figure 5. Output Impedance vs Frequency
VIN = 3.2 V
C OUT = 1 μF
Figure 6. Dropout Voltage vs Output Current


Numéro de pièce similaire - TPS71533QDCKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71533QDCKRQ1 TI-TPS71533QDCKRQ1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
TPS71533QDCKRQ1 TI-TPS71533QDCKRQ1 Datasheet
1Mb / 20P
[Old version datasheet]   TPS715xx-Q1 50-mA, 24-V, 3.2-μA Supply Current Low-Dropout Linear Regulators in SC70 Package
REVISED DECEMBER 2015
TPS71533QDCKRQ1 TI1-TPS71533QDCKRQ1 Datasheet
4Mb / 29P
[Old version datasheet]   TPS715-Q1 50-mA, 24-V, 3.2-μA Quiescent Current Low-Dropout Linear Regulators in SC70 Package
MAY 2023
More results

Description similaire - TPS71533QDCKRQ1

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com