Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62173DSGT Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62173DSGT
Description  Step-Down Converters
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62173DSGT Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62173DSGT Datasheet HTML 1Page - Texas Instruments TPS62173DSGT Datasheet HTML 2Page - Texas Instruments TPS62173DSGT Datasheet HTML 3Page - Texas Instruments TPS62173DSGT Datasheet HTML 4Page - Texas Instruments TPS62173DSGT Datasheet HTML 5Page - Texas Instruments TPS62173DSGT Datasheet HTML 6Page - Texas Instruments TPS62173DSGT Datasheet HTML 7Page - Texas Instruments TPS62173DSGT Datasheet HTML 8Page - Texas Instruments TPS62173DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
PG
SW
VOS
FB
Exposed
Thermal
Pad
PGND
VIN
EN
AGND
7
6
2
3
1
4
8
5
3
TPS62170, TPS62171, TPS62172, TPS62173
www.ti.com
SLVSAT8D – NOVEMBER 2011 – REVISED DECEMBER 2015
Product Folder Links: TPS62170 TPS62171 TPS62172 TPS62173
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
(1)
Contact the factory to check availability of other fixed output voltage versions.
5 Voltage Options
OUTPUT VOLTAGE
PART NUMBER (1)
PACKAGE
adjustable
TPS62170
WSON (8)
1.8 V
TPS62171
3.3 V
TPS62172
5.0 V
TPS62173
(1)
For more information about connecting pins, see Detailed Description and Application Information sections.
6 Pin Configuration and Functions
space
DSG Package
8-Pin WSON With Exposed Thermal Pad
Top View
space
Pin Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
PGND
1
Power ground
VIN
2
IN
Supply voltage
EN
3
IN
Enable input (High = enabled, Low = disabled)
AGND
4
Analog ground
FB
5
IN
Voltage feedback of adjustable version. Connect resistive voltage divider to this pin. It is recommended to
connect FB to AGND on fixed output voltage versions for improved thermal performance.
VOS
6
IN
Output voltage sense pin and connection for the control loop circuitry.
SW
7
OUT
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and output
capacitor.
PG
8
OUT
Output power good (High = VOUT ready, Low = VOUT below nominal regulation); open drain (requires pull-
up resistor; goes high impedance, when device is switched off)
Exposed
Thermal Pad
Must be connected to AGND. Must be soldered to achieve appropriate power dissipation and mechanical
reliability.


Numéro de pièce similaire - TPS62173DSGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62173DSGT TI1-TPS62173DSGT Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
More results

Description similaire - TPS62173DSGT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM53602-Q1 TI1-LM53602-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com