Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS71726DCKTG4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TPS71726DCKTG4
Description  Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS71726DCKTG4 Fiches technique(HTML) 4 Page - Texas Instruments

  TPS71726DCKTG4 Datasheet HTML 1Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 2Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 3Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 4Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 5Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 6Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 7Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 8Page - Texas Instruments TPS71726DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
IN
N/C
(1)
EN
6
5
4
OUT
GND
NR/FB
1
2
3
OUT
NR/FB
IN
GND
EN
1
2
3
4
5
IN
N/C
(1)
EN
6
5
4
OUT
NR/FB
GND
1
2
3
GND
4
TPS717
SBVS068I – FEBRUARY 2006 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TPS717
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCK Package
5-Pin SC70
Top View
DRV Package
2-mm × 2-mm, 6-Pin WSON
Top View
DSE Package
1.5-mm × 1.5-mm, 6-Pin WSON
Top View
(1)
N/C = No connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
DCK
(SC70)
DRV
(WSON)
DSE
(WSON)
EN
3
4
4
I
Driving the enable pin (EN) above VEN(high) turns on the regulator.
Driving this pin below VEN(low) puts the regulator into standby mode,
thereby disabling the output and reducing operating current.
FB
4
2
3
I
Adjustable voltage version only. The voltage at this pin is fed to the
error amplifier. A resistor divider from OUT to FB sets the output
voltage when in regulation.
GND
2
3
2
Ground
IN
1
6
6
I
Input to the device. A 0.1-
μF to 1-μF capacitor is recommended for
better performance.
N/C
5
5
Not connected. This pin can be tied to ground to improve thermal
dissipation.
NR
4
2
3
Fixed voltage versions only. The noise reduction capacitor filters the
noise generated by the internal band gap, thus lowering output noise.
OUT
5
1
1
O
This pin is the regulated output voltage. A minimum capacitance of
1
μF is required for stability from this pin to ground.


Numéro de pièce similaire - TPS71726DCKTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS71726DCKTG4 TI-TPS71726DCKTG4 Datasheet
818Kb / 24P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKTG4 TI-TPS71726DCKTG4 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKTG4 TI-TPS71726DCKTG4 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKTG4 TI-TPS71726DCKTG4 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71726DCKTG4 TI-TPS71726DCKTG4 Datasheet
1Mb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
More results

Description similaire - TPS71726DCKTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS717-Q1 TI1-TPS717-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout, 150-mA Linear Regulator
TPS71750-Q1 TI1-TPS71750-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150-mA Linear Regulator
TPS717 TI-TPS717 Datasheet
1Mb / 42P
[Old version datasheet]   TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717-Q1 TI-TPS717-Q1_15 Datasheet
1Mb / 34P
[Old version datasheet]   TPS717xx-Q1 Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
TPS717XX TI-TPS717XX_08 Datasheet
959Kb / 27P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71701 TI-TPS71701 Datasheet
928Kb / 28P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX Datasheet
1Mb / 20P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR, Low-Dropout 1A Linear Regulator
TPS717XX TI-TPS717XX_1 Datasheet
978Kb / 26P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS71750DSER TI1-TPS71750DSER Datasheet
1Mb / 32P
[Old version datasheet]   Low Noise, High-Bandwidth PSRR Low-Dropout 150mA Linear Regulator
TPS7A80XX TI-TPS7A80XX_1 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Noise, High-Bandwidth PSRR,Low-Dropout 1A Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com