Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62291DRVTG4 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce TPS62291DRVTG4
Description  1-A Step Down Converter in 2 x 2 DRV Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62291DRVTG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS62291DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 9Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 10Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 11Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 12Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 13Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 14Page - Texas Instruments TPS62291DRVTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
1
OUT
REF
2
R
V
V
1
R
æ
ö
=
´
+
ç
÷
è
ø
GND
EN
FB
SW
MODE
V
2.3 V to 6.0 V
IN
C
10 F
IN
m
VIN
TPS62290DRV
L
2.2 H
1
m
R
360 k
1
W
R
180 k
2
W
C
22 pF
1
C
10 F
OUT
m
V
1.8 V,
Up to 1A
OUT
TPS62290, TPS62291, TPS62293
www.ti.com
SLVS764F – JUNE 2007 – REVISED JANUARY 2016
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The TPS6229x devices are high-efficiency synchronous step-down DC/DC converters featuring power save
mode or 2.25-MHz fixed frequency operation.
9.2 Typical Application
Figure 6. TPS62290DRV Adjustable 1.8 V
9.2.1 Design Requirements
The design guideline provides a component selection to operate the device within the recommended operating
condition.
Table 1 shows the list of components for the Application Characterstic Curves.
Table 1. List of Components
COMPONENT REFERENCE
PART NUMBER
MANUFACTURER
VALUE
CIN
GRM188R60J106M
Murata
10
μF, 6.3 V. X5R Ceramic
COUT
GRM188R60J106M
Murata
10
μF, 6.3 V. X5R Ceramic
C1
Murata
22 pF, COG Ceramic
L1
LPS3015
Coilcraft
2.2
μH, 110 mΩ
R1, R2
Values depending on the programmed output voltage
9.2.2 Detailed Design Procedure
9.2.2.1 Output Voltage Setting
The output voltage can be calculated to:
with an internal reference voltage VREF typical 0.6 V.
To minimize the current through the feedback divider network, R2 should be 180 kΩ or 360 kΩ. The sum of R1
and R2 should not exceed ~1MΩ, to keep the network robust against noise.
An external feed forward capacitor C1 is required for optimum load transient response. The value of C1 should be
in the range between 22 pF and 33 pF.
Route the FB line away from noise sources, such as the inductor or the SW line.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS62290 TPS62291 TPS62293


Numéro de pièce similaire - TPS62291DRVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62291DRVTG4 TI-TPS62291DRVTG4 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62291DRVTG4 TI1-TPS62291DRVTG4 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
More results

Description similaire - TPS62291DRVTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com