Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FNC-0104FX Datasheet(Fiches technique) 2 Page - Level One

Numéro de pièce FNC-0104FX
Description  Fast Ethernet Fiber PCI Network Card, 1 x SC Multi-Mode Fiber
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LVL1 [Level One]
Site Internet  http://www.level1.com/
Logo LVL1 - Level One

FNC-0104FX Datasheet(HTML) 2 Page - Level One

  FNC-0104FX_16 Datenblatt HTML 1Page - Level One FNC-0104FX_16 Datasheet HTML 2Page - Level One FNC-0104FX_16 Datenblatt HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connectors and Cabling:
SC Multi-Mode Fiber Connector
32-bit 33/66Mhz PCI Rev.2.1
Indicator:
Link, FDX, Col, Activity
Power:
2W
Features
General:
Both full-height and low profile for small form factors
Support PXE Boot Rom
Supports 32-bit PCI 2.2 buses
support IP Unicast broadcast and multicast address filtering mechanism
support GVRP VLAN registration protocol
suppport TCP/IP, CPU Task Offload reduces host CPU use
Management:
Support DMI 2.0 and ACPI 1.0
Performance
Data Transfer Rate:
100Mbps fast ethernet ,Full duplex or half-duplex,reach 200Mbps in full duplex
Operating Distance:
Half-duplex Class II:
Hub Node to Node 205 m
Node to Hub 100 m
Hub to Hub 5 m
Half-duplex Switching:
Hub Node to Node 412 m
Node to Hub 412 m
Hub to Hub 412 m
Full-duplex Switching:
Hub Node to Node 2 km
Node to Hub 2 km
Hub to Hub 2 km
Environment
Temperature (°C):
Operating: 0°C ~ 50°C
Storage: 5°C ~ 55°C
Humidity (Non-condensing):
Operating: 5% ~ 95%
Physical Specifications
Dimensions (W x D x H mm):
120 x 53 X 17mm
Weight (g):
53 g
Others
www.level1.com
Page 2 of 3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn