Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62290 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS62290
Description  1-A Step Down Converter in 2 x 2 DRV Package
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62290 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS62290_16 Datasheet HTML 1Page - Texas Instruments TPS62290_16 Datasheet HTML 2Page - Texas Instruments TPS62290_16 Datasheet HTML 3Page - Texas Instruments TPS62290_16 Datasheet HTML 4Page - Texas Instruments TPS62290_16 Datasheet HTML 5Page - Texas Instruments TPS62290_16 Datasheet HTML 6Page - Texas Instruments TPS62290_16 Datasheet HTML 7Page - Texas Instruments TPS62290_16 Datasheet HTML 8Page - Texas Instruments TPS62290_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
TPS62290, TPS62291, TPS62293
www.ti.com
SLVS764F – JUNE 2007 – REVISED JANUARY 2016
7.5 Electrical Characteristics
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6 V. External components CIN = 4.7 μF 0603, COUT = 10 μF 0603, L = 2.2 μH, refer to parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage
2.3
6
V
VIN 2.7 V to 6 V
1000
IOUT
Output current
VIN 2.5 V to 2.7 V
600
mA
VIN 2.3 V to 2.5 V
300
IOUT = 0 mA, PFM mode enabled
(MODE = GND) device not switching,
15
μA
See (1)
IQ
Operating quiescent current
IOUT = 0 mA, switching with no load
(MODE = VIN) PWM operation,
3.8
mA
VOUT = 1.8 V, VIN = 3 V
ISD
Shutdown current
EN = GND
0.1
1
μA
Falling
1.85
UVLO
Undervoltage lockout threshold
V
Rising
1.95
ENABLE, MODE
High level input voltage, EN,
2.3 V
≤ VIN ≤ 6 V
1
VIN
VIH
V
MODE
Low level input voltage, EN,
2.3 V
≤ VIN ≤ 6 V
0
0.4
VIL
V
MODE
IIN
Input bias current, EN, MODE
EN, MODE = GND or VIN
0.01
1
μA
POWER SWITCH
High side MOSFET on-resistance
240
480
RDS(on)
VIN = VGS = 3.6 V, TA = 25°C
m
Low side MOSFET on-resistance
185
380
Forward current limit MOSFET
ILIMF
VIN = VGS = 3.6 V
1.19
1.4
1.68
A
high-side and low side
Thermal shutdown
Increasing junction temperature
140
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
OSCILLATOR
fSW
Oscillator frequency
2.3 V
≤ VIN ≤ 6 V
2.0
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output voltage range
0.6
VI
V
Vref
Reference voltage
600
mV
MODE = VIN, PWM operation,
VFB(PWM)
Feedback voltage PWM mode
–1.5%
0%
1.5%
2.3 V
≤ VIN ≤ 6 V, See
(2)
MODE = GND, device in PFM mode,
VFB(PFM)
Feedback voltage PFM mode
1%
+1% voltage positioning active, See (1)
Load regulation
–0.5
%/A
Time from active EN to reach 95% of
500
tStart Up
Start-up time
μs
VOUT
tRamp
VOUT ramp-up time
Time to ramp from 5% to 95% of VOUT
250
μs
VIN = 3.6 V, VIN = VOUT = VSW, EN =
Ilkg
Leakage current into SW pin
GND,
0.1
1
μA
See (3)
(1)
In PFM mode, the internal reference voltage is set to typical 1.01 × Vref . See the parameter measurement information.
(2)
For VIN = VOUT + 1.0 V
(3)
In fixed output voltage versions, the internal resistor divider network is disconnected from FB pin.
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS62290 TPS62291 TPS62293


Numéro de pièce similaire - TPS62290_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
More results

Description similaire - TPS62290_16

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62290 TI1-TPS62290_17 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290_15 Datasheet
1Mb / 27P
[Old version datasheet]   TPS6229x 1-A Step Down Converter in 2 x 2 DRV Package
TPS62290 TI-TPS62290 Datasheet
755Kb / 23P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62290 TI-TPS62290_08 Datasheet
986Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590DRVR TI-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290 TI-TPS62290_1 Datasheet
986Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590 TI1-TPS62590 Datasheet
637Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62290-Q1 TI1-TPS62290-Q1 Datasheet
995Kb / 25P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 SON Package
TPS62590DRVR TI1-TPS62590DRVR Datasheet
583Kb / 24P
[Old version datasheet]   1-A Step Down Converter in 2 x 2 QFN Package
TPS62590 TI1-TPS62590_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Step Down Converter in 2-mm x 2-mm WSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com