Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54040DGQR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54040DGQR
Description  Step Down DC/DC Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54040DGQR Fiches technique(HTML) 2 Page - Texas Instruments

  TPS54040DGQR Datasheet HTML 1Page - Texas Instruments TPS54040DGQR Datasheet HTML 2Page - Texas Instruments TPS54040DGQR Datasheet HTML 3Page - Texas Instruments TPS54040DGQR Datasheet HTML 4Page - Texas Instruments TPS54040DGQR Datasheet HTML 5Page - Texas Instruments TPS54040DGQR Datasheet HTML 6Page - Texas Instruments TPS54040DGQR Datasheet HTML 7Page - Texas Instruments TPS54040DGQR Datasheet HTML 8Page - Texas Instruments TPS54040DGQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
TPS54040
SLVS918B – MARCH 2009 – REVISED JANUARY 2016
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Application and Implementation ........................ 31
8.1
Application Information............................................ 31
2
Applications ........................................................... 1
8.2
Typical Application .................................................. 31
3
Description ............................................................. 1
8.3
System Examples ................................................... 40
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 41
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 42
6
Specifications......................................................... 4
10.1
Layout Guidelines ................................................. 42
6.1
Absolute Maximum Ratings ..................................... 4
10.2
Layout Example .................................................... 42
6.2
ESD Ratings.............................................................. 4
10.3
Estimated Circuit Area .......................................... 42
6.3
Recommended Operating Conditions ...................... 4
11
Device and Documentation Support ................. 43
6.4
Thermal Information .................................................. 5
11.1
Device Support .................................................... 43
6.5
Electrical Characteristics........................................... 5
11.2
Community Resources.......................................... 43
6.6
Typical Characteristics .............................................. 7
11.3
Trademarks ........................................................... 43
7
Detailed Description ............................................ 11
11.4
Electrostatic Discharge Caution ............................ 43
7.1
Overview ................................................................. 11
11.5
Glossary ................................................................ 43
7.2
Functional Block Diagram ....................................... 12
12
Mechanical, Packaging, and Orderable
7.3
Feature Description................................................. 12
Information ........................................................... 43
7.4
Device Functional Modes........................................ 29
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2013) to Revision B
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section ............................... 1
Changes from Original (March 2009) to Revision A
Page
Deleted SWIFT from the data sheet Title and Features......................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: TPS54040


Numéro de pièce similaire - TPS54040DGQR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54040DGQR TI-TPS54040DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54040DGQR TI-TPS54040DGQR Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results

Description similaire - TPS54040DGQR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com