Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40322RHBR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS40322RHBR
Description  Dual Output or Two-Phase Synchronous Buck Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS40322RHBR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS40322RHBR Datasheet HTML 4Page - Texas Instruments TPS40322RHBR Datasheet HTML 5Page - Texas Instruments TPS40322RHBR Datasheet HTML 6Page - Texas Instruments TPS40322RHBR Datasheet HTML 7Page - Texas Instruments TPS40322RHBR Datasheet HTML 8Page - Texas Instruments TPS40322RHBR Datasheet HTML 9Page - Texas Instruments TPS40322RHBR Datasheet HTML 10Page - Texas Instruments TPS40322RHBR Datasheet HTML 11Page - Texas Instruments TPS40322RHBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
TPS40322
SLUSAF8E – JULY 2011 – REVISED JANUARY 2016
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C to 125°C, VVDD = 12 V, RRT = 40 kΩ, fSW = 500 kHz (unless otherwise noted),
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE AND SOFT START
VIH
High-level input voltage
0.55
0.7
1
V
VIL
Low-level input voltage
0.23
0.26
0.3
V
ISS
Soft-start source current
8
10
12
μA
VSS
Soft-start voltage level
0.8
V
IDISCHG
Soft-start discharge current
130
μA
OVERCURRENT PROTECTION
IILIM
ILIM program current
TJ = 25°C
9.5
10
10.5
μA
tHICCUP
Hiccup cycles to recover
6
Cycles
CURRENT SENSE AMPLIFIER
VDIFF
Differential input voltage range
–60
60
mV
VCM
Input common mode range
0
5.6
V
ACS
Current sensing gain
15
V/V
VCSOUT
Current sense amplifier output
VCSIN = 20 mV, TJ = 25°C
270
300
330
mV
fC0
Closed loop bandwidth(1)
3
MHz
Current sense amplifier output difference
VCSIN = 20 mV to both CS1 and CS2
–15
15
mV
between CH1 and CH2
OVERVOLTAGE AND UNDERVOLTAGE PROTECTION
VOVP
Feedback voltage limit for OVP
679
700
735
mV
VUVP
Feedback voltage limit for UVP
475
500
525
mV
GATE DRIVERS
RHDHI
High-side driver pull-up resistance
VBOOT – VSW = 6.5 V, IHDRV = –40 mA
0.8
1.5
2.5
Ω
RHDLO
High-side driver pull-down resistance
VBOOT – VSW = 6.5 V, IHDRV = 40 mA
0.5
1
1.6
Ω
RLDHI
Low-side driver pull-up resistance
ILDRV = –40 mA
0.8
1.5
2.5
Ω
RLDLO
Low-side driver pull-down resistance
ILDRV = 40 mA
0.35
0.6
1.3
Ω
tHRISE
High-side driver rise time
CLOAD = 5 nF, See
(1)
15
ns
tHFALL
High-side driver fall time
CLOAD = 5 nF, See
(1)
12
ns
tLRISE
Low-side driver rise time
CLOAD = 5 nF, See
(1)
15
ns
tLFALL
Low-side driver fall time
CLOAD = 5 nF, See
(1)
10
ns
BOOT SWITCH
VDFWD
Bootstrap switch voltage drop
IBOOT = 5 mA
0.1
V
REMOTE SENSE
VIOFSET
Input offset voltage
VDIFFO = 0.9 V
–2
2
mV
Gain
Differential gain
0.995
1.005
V/V
BW
Close loop bandwidth(1)
2
MHz
VDIFFO
Output voltage at DIFFO pin
VBP6 – 0.2
V
ISRC
Output source current
1
mA
ISNK
Output sink current
1
mA
POWERGOOD
VOV
Feedback voltage limit for PGOOD
650
675
697
mV
VUV
Feedback voltage limit for PGOOD
510
525
545
mV
VPGD(hyst)
PGOOD hysteresis voltage at FB
25
40
mV
RRGD
PGOOD pull down resistance
50
70
Ω
IPGD(leak)
PGOOD leakage current
20
µA
THERMAL SHUTDOWN
TSD
Junction shutdown temperature
See (1)
150
°C
TSD(hyst)
Hysteresis
See (1)
20
°C
8
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Product Folder Links: TPS40322


Numéro de pièce similaire - TPS40322RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40322RHBR TI1-TPS40322RHBR Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results

Description similaire - TPS40322RHBR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40422 TI1-TPS40422 Datasheet
965Kb / 54P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus
TPS40422 TI1-TPS40422_16 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Output or Two-Phase Synchronous Buck Controller with PMBus Interface
TPS5120-Q1 TI1-TPS5120-Q1 Datasheet
325Kb / 21P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI1-TPS5120_16 Datasheet
840Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120_15 Datasheet
858Kb / 24P
[Old version datasheet]   DUAL OUTPUT,TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120-EP TI1-TPS5120-EP Datasheet
483Kb / 23P
[Old version datasheet]   DUAL OUTPUT, TWO-PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
TPS5120 TI-TPS5120 Datasheet
291Kb / 20P
[Old version datasheet]   DUAL OUTPUT, TWO PHASE SYNCHRONOUS BUCK DC/DC CONTROLLER
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com