Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8400RGRR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A8400RGRR
Description  LDO Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A8400RGRR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS7A8400RGRR Datasheet HTML 4Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 5Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 6Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 7Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 8Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 9Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 10Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 11Page - Texas Instruments TPS7A8400RGRR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106 4x106
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
VIN = 1.4 V, VBIAS = 5.0 V, 4.5 PVRMS
VIN = 1.4 V, 6.0 PVRMS
VIN = 1.5 V, 4.5 PVRMS
VIN = 1.8 V, 4.5 PVRMS
VIN = 2.5 V, 4.6 PVRMS
VIN = 5.0 V, 5.15 PVRMS
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106 4x106
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
CNR/SS = 0 nF, 6.2 PVRMS
CNR/SS = 1 nF, 4.9 PVRMS
CNR/SS = 10 nF, 4.4 PVRMS
CNR/SS = 100 nF, 4.35 PVRMS
Output Voltage (V)
0.6
1.2
1.8
2.4
3
3.6
4.2
4.8
5.4
4
5
6
7
8
9
10
11
12
IOUT = 1.0 A
IOUT = 2.0 A
IOUT = 3.0 A
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106 5x106
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
VOUT = 5.0 V, 11.7 PVRMS
VOUT = 3.3 V, 8.3 PVRMS
VOUT = 1.5 V, 5.4 PVRMS
VOUT = 0.8 V, 4.5 PVRMS
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
20
40
60
80
100
COUT = 47||10||10 PF
COUT = 47 PF
COUT = 100 PF
COUT = 200 PF
COUT = 500 PF
Frequency (Hz)
1x101
1x102
1x103
1x104
1x105
1x106
1x107
0
20
40
60
80
100
VBIAS = 3.0 V
VBIAS = 5.0 V
VBIAS = 6.5 V
TPS7A84
SBVS233A – JANUARY 2016 – REVISED JANUARY 2016
www.ti.com
Typical Characteristics (continued)
at TA = 25°C, VIN = 1.4 V or VIN = VOUT(NOM) + 0.4 V (whichever is greater), VBIAS = open, VOUT(NOM) = 0.8 V, VEN = 1.1 V, COUT
= 47
μF, CNR/SS = 0 nF, CFF = 0 nF, and PG pin pulled up to VIN with 100 kΩ (unless otherwise noted)
VIN = VOUT + 0.3 V, VOUT = 1 V, IOUT = 3 A, CNR/SS = 10 nF,
VIN = VOUT + 0.3 V, VOUT = 1 V, IOUT = 3 A,
CFF = 10 nF
COUT = 47 μF || 10 μF || 10 μF, CNR/SS = 10 nF, CFF = 10 nF
Figure 7. PSRR vs Frequency and COUT
Figure 8. PSRR vs Frequency and VBIAS
VIN = VOUT + 0.3 V and VBIAS = 5 V for VOUT ≤ 2.2 V,
VIN = VOUT + 0.3 V and VBIAS = 5 V for VOUT ≤ 2.2 V, IOUT = 3 A,
COUT = 47 μF || 10 μF || 10 μF, CNR/SS = 10 nF, CFF = 10 nF
COUT = 47 μF || 10 μF || 10 μF, CNR/SS = 10 nF, CFF = 10 nF
Figure 10. Output Noise vs Frequency and Output Voltage
Figure 9. Output Voltage Noise vs Output Voltage
IOUT = 3 A, COUT = 47 μF || 10 μF || 10 μF, CNR/SS = 10 nF,
VIN = VOUT + 0.3 V, VBIAS = 5 V, IOUT = 3 A,
CFF = 10 nF
COUT = 47 μF || 10 μF || 10 μF, CFF = 10 nF
Figure 11. Output Noise vs Frequency and Input Voltage
Figure 12. Output Noise vs Frequency and CNR/SS
8
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Product Folder Links: TPS7A84


Numéro de pièce similaire - TPS7A8400RGRR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8400ARGRR TI1-TPS7A8400ARGRR Datasheet
2Mb / 46P
[Old version datasheet]   3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A8400ARGRR TI1-TPS7A8400ARGRR Datasheet
3Mb / 53P
[Old version datasheet]   TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A8400ARGRR TI1-TPS7A8400ARGRR Datasheet
3Mb / 53P
[Old version datasheet]   TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
TPS7A8400ARGRT TI1-TPS7A8400ARGRT Datasheet
2Mb / 46P
[Old version datasheet]   3-A, High-Accuracy (0.75%), Low-Noise (4.4-uVRMS) LDO Regulator
TPS7A8400ARGRT TI1-TPS7A8400ARGRT Datasheet
3Mb / 53P
[Old version datasheet]   TPS7A84A 3-A, High-Accuracy (0.75%), Low-Noise (4.4-關VRMS) LDO Regulator
More results

Description similaire - TPS7A8400RGRR

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A85 TI1-TPS7A85 Datasheet
2Mb / 48P
[Old version datasheet]   LDO Voltage Regulator
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_17 Datasheet
1Mb / 23P
   LDO Voltage Regulator
February, 2017 ??Rev. 8
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com