Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSW-0807 Fiches technique(PDF) 1 Page - Level One

No de pièce GSW-0807
Description  8-Port Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LVL1 [Level One]
Site Internet  http://www.level1.com/
Logo LVL1 - Level One

GSW-0807 Fiches technique(HTML) 1 Page - Level One

  GSW-0807_16 Datasheet HTML 1Page - Level One GSW-0807_16 Datasheet HTML 2Page - Level One GSW-0807_16 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GSW-0807 Version: 5
8-Port Gigabit Ethernet Switch
The LevelOne GSW-0807 Gigabit Ethernet Switch is designed for reliable high-performance networking.
With its non-blocking switching fabric in full-duplex mode, this switch can deliver up to 2000Mbps per port,
while the Store-and-Forward service brings low latency and error-free packet delivery. This
highperformance Gigabit Ethernet switch is perfect for fulfilling the demands of online gaming and
multimedia streaming. Moreover, this switch also supports IEEE 802.3az Energy Efficient Ethernet which
helps reduce power consumption.
Power Saving Features
The GSW-0807 supports IEEE 802.3az Energy Efficient Ethernet to provide power-saving benefits without
compromising performance. One of the ways it does this is by automatically detecting the length of
connected cables and can adjust power usage by saving energy on shorter cable connections.
Compact and Stylish Design
The stylish, compact wall-mountable housing of GSW-0807 fits any working environment. It comes
with 8 10/100/1000Mbps ports to meet SOHO and home network expansion needs.
Easy to Use
The GSW-0807 features plug-and-play for easy installation. No configuration is required. Autonegotiation
on each port senses the link speed of a network device and adjusts for compatibility and optimal
performance.
Key Features
- 8 Gigabit Ethernet ports
- 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
- Supports 8K MAC address auto-learning and auto-aging
- 9K jumbo frames to increase data transfer rates
www.level1.com
Page 1 of 3


Numéro de pièce similaire - GSW-0807_16

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GSW-0807 LVL1-GSW-0807 Datasheet
290Kb / 4P
   8 Gigabit Ethernet ports 1000Mbps-Full-duplex
More results

Description similaire - GSW-0807_16

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GSW-0809 LVL1-GSW-0809 Datasheet
698Kb / 3P
   8-Port Gigabit Ethernet Switch
GEU-0822 LVL1-GEU-0822 Datasheet
530Kb / 3P
   8-Port Gigabit Ethernet Switch
logo
ATMEL Corporation
AT79C1030 ATMEL-AT79C1030 Datasheet
115Kb / 5P
   8-Port Gigabit Ethernet CoS Switch
logo
ORing Industrial Networ...
TGS-1080-M12 ORING-TGS-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-5728-AE ADVANTECH-EKI-5728-AE Datasheet
443Kb / 2P
   8-port Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
    8-port unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-5728I-AE ADVANTECH-EKI-5728I-AE Datasheet
443Kb / 2P
   8-port Gigabit Ethernet ProView Switch
logo
ORing Industrial Networ...
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
   Industrial 8-port managed Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX65000 AXIOMTEK-EX65000 Datasheet
1Mb / 2P
   Managed Industrial 8-port Gigabit Ethernet Switch
logo
ORing Industrial Networ...
IGS-9080 ORING-IGS-9080 Datasheet
1Mb / 5P
   Industrial 8-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com