Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSW-0507 Fiches technique(PDF) 2 Page - Level One

No de pièce GSW-0507
Description  5-Port Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LVL1 [Level One]
Site Internet  http://www.level1.com/
Logo LVL1 - Level One

GSW-0507 Fiches technique(HTML) 2 Page - Level One

  GSW-0507 Datasheet HTML 1Page - Level One GSW-0507 Datasheet HTML 2Page - Level One GSW-0507 Datasheet HTML 3Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
- Minimize carbon footprint with advanced energy efficient technology (IEEE 802.3az)
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000-BASE-T, Gigabit Ethernet
IEEE 802.3x Flow Control (full-duplex flow control)
IEEE 802.3az Energy Efficient Technology
Buffer Memory:
1024KB
Connectors and Cabling:
5 x 10/100/1000Base-T RJ-45 Port
Indicator:
Power; Link/Active
Transmission Method:
Store-and-Forward
Power:
Power Consumption: < 3W
Power Input: DC 5V, 1A, External Power Adapter
Performance
Backplane (Gbps):
10Gbps
MAC Address Table:
8K
Packet Forwarding Rate:
1000Mbps port - 1,488,000pps
100Mbps port - 148,000pps
10Mbps port - 14,880pps
Jumbo Frame (K):
9K
Environment
Power Saving:
IEEE 802.3az Energy Efficient Technology: Active Link Detection; Cable Length Detection; Sleep Mode
Temperature (°C):
Operating: 0°C ~ 40°C
Storage: - 40°C ~ 70°C
Humidity (Non-condensing):
Storage: 5% ~ 90%
Operating: 10% ~ 90%
Deployment:
Desktop and wall-mountable
Physical Specifications
www.level1.com
Page 2 of 3


Numéro de pièce similaire - GSW-0507

FabricantNo de pièceFiches techniqueDescription
logo
Level One
GSW-0504 LVL1-GSW-0504 Datasheet
117Kb / 2P
   8-port 10/100Mbps Fast Etherent Switch w/ Internal Power
More results

Description similaire - GSW-0507

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LSW3-GT-5EP_W ETC2-LSW3-GT-5EP_W Datasheet
410Kb / 2P
   Gigabit Ethernet Switch - 5 Port
logo
Advantech Co., Ltd.
EKI-5725-AE ADVANTECH-EKI-5725-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
EKI-5725I-AE ADVANTECH-EKI-5725I-AE Datasheet
443Kb / 2P
   5-port Gigabit Ethernet ProView Switch
EKI-5725 ADVANTECH-EKI-5725 Datasheet
538Kb / 2P
   5-Port Gigabit Ethernet ProView Switch
21-Aug-2020
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
TGXPS-141GX-M12 ORING-TGXPS-141GX-M12 Datasheet
383Kb / 5P
   5-port unmanaged Gigabit PoE Ethernet switch
logo
Black Box Registered Tr...
SW-115 BLACKBOX-SW-115 Datasheet
1Mb / 4P
   EMBEDDED INDUSTRIAL 5 PORT GIGABIT ETHERNET SWITCH
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-3032GC ORING-IGS-3032GC Datasheet
1Mb / 4P
   Industrial 5-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com