Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M02015 Fiches technique(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

No de pièce M02015
Description  Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02015 Fiches technique(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02015 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02015 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
M02015
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
10
Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
Optic Networks up to 2.5 Gbps
Rev V6
Figure 1-2.
Typical Performance Diagrams 2 of 5
Typical Transimpedance vs. Average Input Power
(Extinction Ratio= 13dB)
0.1
1
10
-30
-25
-20
-15
-10
-5
0
Average Input Power(dBm)
Typical Transimpedance vs . VAGC
0
1
2
3
4
5
6
7
8
9
10
00.5
11.5
2
VAGC (V)


Numéro de pièce similaire - M02015

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
More results

Description similaire - M02015

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
02015-DSH-001-G MA-COM-02015-DSH-001-G Datasheet
382Kb / 21P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
logo
ANADIGICS, Inc
ATA01504 ANADIGICS-ATA01504 Datasheet
204Kb / 8P
   AGC Transimpedance Amplifier
ATA00501D1C ANADIGICS-ATA00501D1C Datasheet
306Kb / 7P
   AGC TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com