Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1771SSD Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM1771SSD
Description  Low-Voltage Synchronous Buck Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM1771SSD Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM1771SSD Datasheet HTML 7Page - Texas Instruments LM1771SSD Datasheet HTML 8Page - Texas Instruments LM1771SSD Datasheet HTML 9Page - Texas Instruments LM1771SSD Datasheet HTML 10Page - Texas Instruments LM1771SSD Datasheet HTML 11Page - Texas Instruments LM1771SSD Datasheet HTML 12Page - Texas Instruments LM1771SSD Datasheet HTML 13Page - Texas Instruments LM1771SSD Datasheet HTML 14Page - Texas Instruments LM1771SSD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
LM1771
www.ti.com
SNVS446D – JUNE 2006 – REVISED JANUARY 2016
Table 2. Frequency vs VOUT for Variants
TIMING OPTIONS (1)
VOUT
500 ns
1000 ns
2000 ns
0.8
485
242
121
1
606
303
152
1.2
727
364
182
1.5
909
455
227
1.8
1091
545
273
2.5
1515
758
379
3.3
2000
1000
500
(1)
Switching Frequency (kHz) of LM1771 based on output voltage and
timing option.
7.3.2 Short-Circuit Protection
The LM1771 has an internal short-circuit comparator that constantly monitors the feedback node (except during
soft-start). If the feedback voltage drops below 0.55 V (equivalent to the output voltage dropping below 68% of
nominal), the comparator trips causing the part to latch off. The LM1771 does not resume switching until the
input voltage is taken below the UVLO threshold and then brought back into its normal operating range, or the
part is disabled then re-enabled through the enable pin. The purpose of this function is to prevent a severe short
circuit from causing damage to the application. Due to the fast transient response of the LM1771 a severe short
on the output causing the feedback to drop would only occur if the load applied had an effective resistance that
approaches the PMOS RDS(ON).
7.3.3 Precision Enable
The LM1771 features a precision enable circuit. If the voltage on the EN pin is 1.2 V or greater, the part is
enabled and switching occurs. If the enable voltage falls below 1.2 V, the part is placed into a shutdown state
and the drivers is tri-stated. This allows the LM1771 to be easily sequenced using a resistive divider from the
output of another regulator, or the working input voltage range of the LM1771 to be set using a resistive divider
on VIN. There is no internal pullup connected to the EN pin, so an external signal is required to initiate switching.
NOTE
When power is first applied to the LM1771, there is a slight delay before the enable
comparator is functional. During this delay, typically on the order of 400 µs, the part is
disabled regardless of the voltage on the EN pin. The falling enable threshold features 50
mV of hysteresis
7.3.4 Soft-Start
To limit in-rush current and allow for a controlled start-up the LM1771 incorporates an internal soft-start scheme.
Every time the enable voltage rises above 1.2 V while VIN is greater than the UVLO threshold, the LM1771 goes
through an adaptive soft-start that limits the ON-time and expands the minimum OFF-time. In addition the part
only activates the PMOS allowing a discontinuous mode of operation enabling a prebiased start-up. The time
spent in soft-start depends on the load applied to the output, but is usually close to a set time that is dependent
on the timing option. The approximate soft-start time can be seen in Table 3 for each timing option.
Table 3. Soft-Start Timing for All Variants
PRODUCT ID
TIMING
TSS
LM1771S
0.5 µs
1 ms
LM1771T
1.0 µs
1.2 ms
LM1771U
2.0 µs
1.8 ms
Copyright © 2006–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1771


Numéro de pièce similaire - LM1771SSD

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1771SSD NSC-LM1771SSD Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771SSD NSC-LM1771SSD Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771SSDX NSC-LM1771SSDX Datasheet
1Mb / 18P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
LM1771SSDX NSC-LM1771SSDX Datasheet
768Kb / 17P
   Low-Voltage Synchronous Buck Controller with Precision Enable and No External Compensation
More results

Description similaire - LM1771SSD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CS5212 ONSEMI-CS5212_06 Datasheet
321Kb / 13P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 4
NCP1586 ONSEMI-NCP1586 Datasheet
80Kb / 8P
   Low Voltage Synchronous Buck Controller
March, 2007 ??Rev. 0
NCP1570 ONSEMI-NCP1570 Datasheet
279Kb / 14P
   Low Voltage Synchronous Buck Controller
July, 2006 ??Rev. 5
logo
Unisonic Technologies
UCS1201 UTC-UCS1201 Datasheet
166Kb / 5P
   LOW VOLTAGE SYNCHRONOUS BUCK CONTROLLER
logo
ON Semiconductor
NCP1589D ONSEMI-NCP1589D_17 Datasheet
89Kb / 8P
   Low Voltage Synchronous Buck Controller
January, 2017 ??Rev. 2
NCP81046 ONSEMI-NCP81046 Datasheet
157Kb / 10P
   Low Voltage Synchronous Buck Controller
June, 2012 ??Rev. P0
NCP1579 ONSEMI-NCP1579_13 Datasheet
148Kb / 11P
   Low Voltage Synchronous Buck Controller
April, 2013 ??Rev. 3
NCP1588 ONSEMI-NCP1588_V01 Datasheet
199Kb / 12P
   Low Voltage Synchronous Buck Controller
January, 2008 - Rev. 4
NCP1589A ONSEMI-NCP1589A Datasheet
206Kb / 10P
   Low Voltage Synchronous Buck Controller
May, 2009 ??Rev. P4
NCP1571 ONSEMI-NCP1571 Datasheet
104Kb / 16P
   Low Voltage Synchronous Buck Controller
October, 2004 ??Rev. 4
logo
Texas Instruments
UCC3585M TI1-UCC3585M Datasheet
802Kb / 21P
[Old version datasheet]   LOW-VOLTAGE SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com