Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61043DRBTG4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61043DRBTG4
Description  Constant Current LED Driver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61043DRBTG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS61043DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 9Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 10Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 11Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 12Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 13Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 14Page - Texas Instruments TPS61043DRBTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
TPS61043
www.ti.com
SLVS465C – DECEMBER 2003 – REVISED FEBRUARY 2016
Product Folder Links: TPS61043
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
8.4.2 Undervoltage Lockout
An undervoltage lockout feature prevents mis-operation of the device at input voltages below 1.5 V (typical). As
long as the input voltage is below the undervoltage threshold the device remains off, with the main MOSFET
switch (Q1) and the LED switch (Q2) open.
8.4.3 Thermal Shutdown
An internal thermal shutdown is implemented in the TPS61043 that shuts down the device if the typical junction
temperature of 160°C is exceeded. If the device is in thermal shutdown mode, the main MOSFET switch (Q1)
and the LED switch (Q2) are open.


Numéro de pièce similaire - TPS61043DRBTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61043DRBTG4 TI1-TPS61043DRBTG4 Datasheet
958Kb / 27P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
More results

Description similaire - TPS61043DRBTG4

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com