Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54336ADRCR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54336ADRCR
Description  Synchronous Step-Down DC-DC Converter
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54336ADRCR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS54336ADRCR Datasheet HTML 2Page - Texas Instruments TPS54336ADRCR Datasheet HTML 3Page - Texas Instruments TPS54336ADRCR Datasheet HTML 4Page - Texas Instruments TPS54336ADRCR Datasheet HTML 5Page - Texas Instruments TPS54336ADRCR Datasheet HTML 6Page - Texas Instruments TPS54336ADRCR Datasheet HTML 7Page - Texas Instruments TPS54336ADRCR Datasheet HTML 8Page - Texas Instruments TPS54336ADRCR Datasheet HTML 9Page - Texas Instruments TPS54336ADRCR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
TPS54335A, TPS54335-1A, TPS54336A
SLVSCD5D – NOVEMBER 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS54335A TPS54335-1A TPS54336A
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
The electrical ratings specified in this section apply to all specifications in this document unless otherwise noted. These
specifications are interpreted as conditions that will not degrade the parametric or functional specifications of the device for
the life of the product containing it. TJ = –40°C to 150°C, VIN = 4.5 to 28 V, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown
160
175
°C
Thermal shutdown hysteresis
10
°C
BOOT PIN
BOOT-PH UVLO
2.1
3
V
SOFT START
Soft-start charge current, TPS54336A
2.3
µA
6.6 Timing Requirements
MIN
TYP
MAX
UNIT
CURRENT-LIMIT
Hiccup wait time
512
Cycles
Hiccup time before restart
16384
Cycles
THERMAL SHUTDOWN
Thermal shutdown hiccup time
32768
Cycles
SOFT START
Internal soft-start time, TPS54335A and TPS54335-1A
2
ms
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PH PIN
Minimum on time
Measured at 90% to 90% of VIN, IPH = 2 A
94
145
ns
Minimum off time
V(BOOT-PH) ≥ 3 V
0%
SWITCHING FREQUENCY
Switching frequency range, TPS54335A and
TPS54335-1A
50
1500
kHz
R(RT) = 100 kΩ
384
480
576
kHz
R(RT) = 1000 kΩ, –40°C to 105°C
40
50
60
kHz
R(RT) = 30 kΩ
1200
1500
1800
kHz
Internal switching frequency, TPS54336A
272
340
408
kHz


Numéro de pièce similaire - TPS54336ADRCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54336ADRCR TI1-TPS54336ADRCR Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
More results

Description similaire - TPS54336ADRCR

FabricantNo de pièceFiches techniqueDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA_17 Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com