Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS56221DQPR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS56221DQPR
Description  Synchronous Buck SWIFT Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56221DQPR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS56221DQPR Datasheet HTML 3Page - Texas Instruments TPS56221DQPR Datasheet HTML 4Page - Texas Instruments TPS56221DQPR Datasheet HTML 5Page - Texas Instruments TPS56221DQPR Datasheet HTML 6Page - Texas Instruments TPS56221DQPR Datasheet HTML 7Page - Texas Instruments TPS56221DQPR Datasheet HTML 8Page - Texas Instruments TPS56221DQPR Datasheet HTML 9Page - Texas Instruments TPS56221DQPR Datasheet HTML 10Page - Texas Instruments TPS56221DQPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
600
625
650
675
700
725
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
290.0
290.5
291.0
291.5
292.0
292.5
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
488
490
492
494
496
498
500
502
504
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
fSW = 500 kHz
850
875
900
925
950
975
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
fSW = 1 MHz
594
595
596
597
598
599
600
601
602
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
300
301
302
303
304
305
306
−40 −25 −10
5
20
35
50
65
80
95
110 125
Junction Temperature (°C)
VVDD = 4.5 V
VVDD = 12 V
fSW = 300 kHz
7
TPS56221
www.ti.com
SLUSAH5D – MARCH 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS56221
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
Figure 13 to Figure 18 are measured on a 2.5 inch × 2.5 inch, 0.062 inch thick FR4 board with 4 layers and 2-oz. copper, a
0.32-µH output inductor and a DCR of 0.32 m
Ω.
Figure 1. Reference Voltage vs. Junction Temperature
Figure 2. Switching Frequency vs. Junction Temperature
(300 kHz)
Figure 3. Switching Frequency vs. Junction Temperature
(500 kHz)
Figure 4. Switching Frequency vs. Junction Temperature (1
MHz)
Figure 5. EN Pin High-Level Threshold Voltage vs. Junction
Temperature
Figure 6. EN Pin Low-Level Threshold Voltage vs. Junction
Temperature


Numéro de pièce similaire - TPS56221DQPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56221DQPR TI1-TPS56221DQPR Datasheet
661Kb / 25P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck Converter
More results

Description similaire - TPS56221DQPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53353 TI1-TPS53353_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Texas Instruments
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com