Moteur de recherche de fiches techniques de composants électroniques |
|
TPS56720PWPR Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TPS56720PWPR Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 44 page 6 TPS56C20, TPS56920, TPS56720, TPS56520 SLVSCB6D – NOVEMBER 2013 – REVISED FEBRUARY 2016 www.ti.com Product Folder Links: TPS56C20 TPS56920 TPS56720 TPS56520 Submit Documentation Feedback Copyright © 2013–2016, Texas Instruments Incorporated (1) These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. (2) All voltages are with respect to IC GND terminal. 7 Specifications 7.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) (2) VALUE UNIT MIN MAX Input voltage VIN,PVIN, EN –0.3 20 V VBST –0.3 26 VBST (10ns transient) –0.3 28 VFB, VOUT, SDA, SCL –0.3 3.6 A0, A1 –0.3 6.5 VBST–SW –0.3 6.5 SW –2 20 SW (10ns transient) –3 22 Overvoltage VREG5,SS,PGOOD –0.3 6.5 V PGND –0.3 0.3 Sink Current PGOOD –0.1 5 mA TJ Operating Junction temperature –40 125 °C TSTG Storage temperature –55 150 °C (1) Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges into the device. (2) Level listed above is the passing level per ANSI/ESDA/JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (3) Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process. 7.2 ESD Ratings VALUE UNIT Electrostatic discharge(1) Human Body Model (HBM)(2) ±2000 V Charged Device Model (CDM)(3) ±500 7.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN NOM MAX UNIT VIN Operating input voltage 4.5 17 V VOUT Output voltage 0.6 1.87 V IOUT Output current TPS56520 0 5 A TPS56720 0 7 TPS56920 0 9 TPS56C20 0 12 TJ Operating junction temperature range –40 125 °C |
Numéro de pièce similaire - TPS56720PWPR |
|
Description similaire - TPS56720PWPR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |