Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS53353DQPR Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS53353DQPR
Description  Synchronous Buck SWIFT Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53353DQPR Fiches technique(HTML) 5 Page - Texas Instruments

  TPS53353DQPR Datasheet HTML 1Page - Texas Instruments TPS53353DQPR Datasheet HTML 2Page - Texas Instruments TPS53353DQPR Datasheet HTML 3Page - Texas Instruments TPS53353DQPR Datasheet HTML 4Page - Texas Instruments TPS53353DQPR Datasheet HTML 5Page - Texas Instruments TPS53353DQPR Datasheet HTML 6Page - Texas Instruments TPS53353DQPR Datasheet HTML 7Page - Texas Instruments TPS53353DQPR Datasheet HTML 8Page - Texas Instruments TPS53353DQPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
TPS53353
www.ti.com
SLUSAK2C – AUGUST 2011 – REVISED FEBRUARY 2016
Product Folder Links: TPS53353
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
TPS53353
UNIT
DQP (LSON-CLIP)
22 PINS
θJA
Junction-to-ambient thermal resistance
27.2
°C/W
θJCtop
Junction-to-case (top) thermal resistance
17.1
θJB
Junction-to-board thermal resistance
5.9
ψJT
Junction-to-top characterization parameter
0.8
ψJB
Junction-to-board characterization parameter
5.8
θJCbot
Junction-to-case (bottom) thermal resistance
1.2
(1)
Ensured by design. Not production tested.
6.5 Electrical Characteristics
Over recommended free-air temperature range, VVDD= 12 V (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VVIN
VIN pin power conversion input
voltage
1.5
15
V
VVDD
Supply input voltage
4.5
25
V
IVIN(leak)
VIN pin leakage current
VEN = 0 V
1
µA
IVDD
VDD supply current
TA = 25°C, No load, VEN = 5 V, VVFB = 0.630 V
420
590
µA
IVDDSDN
VDD shutdown current
TA = 25°C, No load, VEN = 0 V
10
µA
INTERNAL REFERENCE VOLTAGE
VVFB
VFB regulation voltage
CCM condition(1)
0.6
V
VVFB
VFB regulation voltage
TA = 25°C
0.597
0.6
0.603
V
0°C
≤ TA ≤ 85°C
0.5952
0.6
0.6048
–40°C
≤ TA ≤ 85°C
0.594
0.6
0.606
IVFB
VFB input current
VVFB = 0.630 V, TA = 25°C
0.01
0.2
µA
LDO OUTPUT
VVREG
LDO output voltage
0 mA
≤ IVREG ≤ 30 mA
4.77
5
5.36
V
IVREG
LDO output current(1)
Maximum current allowed from LDO
30
mA
VDO
Low drop out voltage
VVDD = 4.5 V, IVREG = 30 mA
230
mV
BOOT STRAP SWITCH
VFBST
Forward voltage
VVREG-VBST, IF = 10 mA, TA = 25°C
0.1
0.2
V
IVBSTLK
VBST leakage current
VVBST = 23 V, VSW = 17 V, TA = 25°C
0.01
1.5
µA
DUTY AND FREQUENCY CONTROL
tOFF(min)
Minimum off time
TA = 25°C
150
260
400
ns
tON(min)
Minimum on time
VIN = 17 V, VOUT = 0.6 V, RRF = 39 kΩ,
TA = 25 °C
(1)
35
ns
SOFT START
tSS
Internal soft-start time from
VOUT = 0 V to 95% of VOUT
RMODE = 39 kΩ
0.7
ms
RMODE = 100 kΩ
1.4
RMODE = 200 kΩ
2.8
RMODE = 470 kΩ
5.6
INTERNAL MOSFETs
RDS(on)H
High-side MOSFET on-resistance
TA = 25 °C
5.5
m
Ω
RDS(on)L
Low-side MOSFET on-resistance
TA = 25 °C
2.2


Numéro de pièce similaire - TPS53353DQPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1,017Kb / 29P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck Converter with Eco-mode?
TPS53353DQPR TI1-TPS53353DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
More results

Description similaire - TPS53353DQPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS56221 TI1-TPS56221_16 Datasheet
1Mb / 32P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS53355 TI1-TPS53355_16 Datasheet
1Mb / 37P
[Old version datasheet]   Synchronous Buck SWIFT Converter
TPS56121 TI1-TPS56121_16 Datasheet
1Mb / 31P
[Old version datasheet]   Input High-Current Synchronous Buck SWIFT Converter
TPS53353 TI1-TPS53353_17 Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
TPS53355 TI1-TPS53355_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
logo
Major-Power Technology ...
MA5604 MPOWER-MA5604 Datasheet
429Kb / 7P
   Synchronous Buck Converter
logo
Rohm
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
logo
QX Micro Devices Co.,Lt...
QX3406 QXMD-QX3406 Datasheet
1Mb / 2P
   Synchronous Buck Converter
logo
Texas Instruments
TPS56121 TI1-TPS56121_17 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14-V Input High-Current Synchronous Buck SWIFT Converter
logo
Rohm
BD9109FVMEVK-101 ROHM-BD9109FVMEVK-101 Datasheet
787Kb / 8P
   Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com