Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A8500RGRT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A8500RGRT
Description  LDO Voltage Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A8500RGRT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS7A8500RGRT Datasheet HTML 2Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 3Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 4Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 5Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 6Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 7Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 8Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 9Page - Texas Instruments TPS7A8500RGRT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
6
TPS7A85
SBVS267A – JANUARY 2016 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: TPS7A85
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Over operating junction temperature range (TJ = –40°C to +125°C), VIN = 1.4 V or VIN = VOUT(nom) + 0.5 V (whichever is
greater), VBIAS = open, VOUT(nom) = 0.8 V
(1), OUT connected to 50 Ω to GND(2), V
EN = 1.1 V, CIN = 10 μF, COUT = 47 μF, CNR/SS
without CFF, and PG pin pulled up to VIN with 100 kΩ, unless otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IEN
EN pin current
VIN = 6.5 V, VEN = 0 V and 6.5 V
–0.1
0.1
µA
IBIAS
BIAS pin current
VIN = 1.1 V, VBIAS = 6.5 V,
VOUT(nom) = 0.8 V, IOUT = 4 A
2.3
3.5
mA
VIL(EN)
EN pin high-level input voltage
(enable device)
0
0.5
V
VIH(EN)
EN pin low-level input voltage
(disable device)
1.1
6.5
V
VIT(PG)
PG pin threshold
For falling VOUT
82% × VOUT
88.3% ×
VOUT
93% × VOUT
V
VHYS(PG)
PG pin hysteresis
For rising VOUT
1% × VOUT
V
VOL(PG)
PG pin low-level output voltage
VOUT < VIT(PG), IPG = –1 mA
(current sunk into pin)
0.4
V
Ilkg(PG)
PG pin leakage current
VOUT > VIT(PG), VPG = 6.5 V
1
µA
INR/SS
NR/SS pin charging current
VNR/SS = GND, VIN = 6.5 V
4.0
6.2
9.0
µA
IFB
FB pin leakage current
VIN = 6.5 V
–100
100
nA
PSRR
Power-supply ripple rejection
VIN – VOUT = 0.5 V,
IOUT = 4 A, CNR/SS = 100 nF,
CFF = 10 nF, COUT =
47
μF || 10 μF || 10 μF
f = 10 kHz,
VOUT = 0.8 V,
VBIAS = 5.0 V
42
dB
f = 500 kHz,
VOUT = 0.8 V,
VBIAS = 5.0 V
39
f = 10 kHz,
VOUT = 3.3 V
40
f = 500 kHz,
VOUT = 3.3 V
25
Vn
Output noise voltage
BW = 10 Hz to 100 kHz, VIN = 1.2 V,
VOUT = 0.8 V, VBIAS = 5.0 V, IOUT = 4 A,
CNR/SS = 100 nF, CFF = 10 nF,
COUT = 47 μF || 10 μF || 10 μF
4.4
μVRMS
BW = 10 Hz to 100 kHz,
VOUT = 5.0 V, IOUT = 4 A, CNR/SS = 100 nF,
CFF = 10 nF, COUT = 47 μF || 10 μF || 10 μF
8.4
Tsd
Thermal shutdown temperature
Shutdown, temperature increasing
160
°C
Reset, temperature decreasing
140
TJ
Operating junction temperature
–40
125
°C


Numéro de pièce similaire - TPS7A8500RGRT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A8500ARGRR TI1-TPS7A8500ARGRR Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
TPS7A8500ARGRT TI1-TPS7A8500ARGRT Datasheet
2Mb / 46P
[Old version datasheet]   4-A, High-Accuracy (0.75%), Low-Noise (4.4 uVRMS), LDO Regulator
More results

Description similaire - TPS7A8500RGRT

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCV8703 ONSEMI-NCV8703_13 Datasheet
1Mb / 17P
   LDO Voltage Regulator
June, 2013 ??Rev. 1
NCP705 ONSEMI-NCP705_17 Datasheet
1Mb / 20P
   LDO Voltage Regulator
December, 2017 ??Rev. 8
logo
Texas Instruments
TPS7A89 TI1-TPS7A89 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
TPS7A84 TI1-TPS7A84 Datasheet
2Mb / 44P
[Old version datasheet]   LDO Voltage Regulator
TPS7A87 TI1-TPS7A87 Datasheet
140Kb / 7P
[Old version datasheet]   LDO Voltage Regulator
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Texas Instruments
TPS7A88 TI1-TPS7A88 Datasheet
1Mb / 33P
[Old version datasheet]   LDO Voltage Regulator
logo
ON Semiconductor
NCV8705 ONSEMI-NCV8705_17 Datasheet
1Mb / 23P
   LDO Voltage Regulator
February, 2017 ??Rev. 8
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
DATEL, Inc.
LVR-7915LE DATEL-LVR-7915LE Datasheet
141Kb / 1P
   LDO Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com