Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSX-321 Fiches technique(PDF) 1 Page - Golledge Electronics Ltd

No de pièce GSX-321
Description  SM Crystal for Wireless
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GOLLEDGE [Golledge Electronics Ltd]
Site Internet  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-321 Fiches technique(HTML) 1 Page - Golledge Electronics Ltd

  GSX-321 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-321 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SM Crystal for Wireless
GSX-321
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
04 Jul 2014
SOLDER PAD LAYOUT
TOP VIEW
2.50
±0.10
2.00
±0.10
0.55
±0.05
0.95
0.65
0.80
0.45
0.80
0.90
0.90
0.75
12
43
PAD
1
2
3
4
CONNECTION
Crystal
Ground & lid
Crystal
Ground & lid
1
4
2
3
Part No, or product name + option codes + frequency
eg:
GSX-321/111NF 16.0MHz 10/10/10/9-F
GSX-321/1P3AF 26.0MHz 10/15/30/10-F
Option code X (eg GSX-321/X) denotes a custom specification.
Ordering Information
±10ppm temperature stability may not be available over -30+80°C.
Check with our sales office before ordering.
Product
GSX-321
Option
Codes
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
Features
Tight specification / wide temperature option
Ultra-miniature for maximum space saving
Ideal for Bluetooth / Wireless applications
Metal lid can be grounded to minimise EMI
Seam sealed for excellent long-term stability
2011/65/EU
Frequency range:
12.0 ~ 66.0MHz
Calibration tolerance:
±10ppm
1
±15ppm
P
±20ppm
2
Other values (±7.5 ~ ±100ppm)
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values (±7.5 ~ ±100ppm)
specify
Operating temperature range:
-20 to +70°C
2
-30 to +80°C
3
Other values
specify
Storage temperature range:
-40 to +85°C
Circuit condition:
8pF
M
9pF
N
12pF
B
16pF
D
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental

F
Equivalent series resistance (max):
200Ω (12.0 ~ 12.9MHz)
150Ω (13.0 ~ 15.9MHz)
80Ω (16.0 ~ 19.9MHz)
60Ω (20.0 ~ 29.9MHz)
50Ω (30.0 ~ 34.9MHz)
40Ω (35.0 ~ 66.0MHz)
Ageing:
±1ppm max first year
Test drive level:
10μW typ, 100μW max
Soldering condition:
260°C, 10 sec x2 max


Numéro de pièce similaire - GSX-321

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
GSX-321 GOLLEDGE-GSX-321 Datasheet
599Kb / 5P
   Miniature 2.5 x 2.0mm SM Crystal
GSX-321 GOLLEDGE-GSX-321_18 Datasheet
599Kb / 5P
   Miniature 2.5 x 2.0mm SM Crystal
More results

Description similaire - GSX-321

FabricantNo de pièceFiches techniqueDescription
logo
Golledge Electronics Lt...
GSX-223 GOLLEDGE-GSX-223 Datasheet
166Kb / 2P
   SM Crystal for Wireless
GSX-323 GOLLEDGE-GSX-323_15 Datasheet
168Kb / 2P
   SM Crystal for Wireless
GSX433 GOLLEDGE-GSX433 Datasheet
113Kb / 2P
   SM Crystal for Bluetooth / Wireless
GSX533 GOLLEDGE-GSX533 Datasheet
112Kb / 2P
   SM Crystal for Bluetooth / wireless
GSX333 GOLLEDGE-GSX333 Datasheet
86Kb / 2P
   SM crystal for Bluetooth / Wireless
GSX323 GOLLEDGE-GSX323 Datasheet
83Kb / 2P
   SM crystal for Bluetooth / wireless
CC2A-T1AH GOLLEDGE-CC2A-T1AH_18 Datasheet
554Kb / 5P
   SM Crystal for extreme environments
GSX-221 GOLLEDGE-GSX-221 Datasheet
49Kb / 1P
   SM Crystal
CC1A GOLLEDGE-CC1A_16 Datasheet
131Kb / 1P
   SM Crystal
CC1A-T1AH GOLLEDGE-CC1A-T1AH Datasheet
122Kb / 1P
   SM Crystal
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com