Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD64570 Fiches technique(PDF) 6 Page - Hitachi Semiconductor

No de pièce HD64570
Description  Serial Communications Adaptor
Download  469 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD64570 Fiches technique(HTML) 6 Page - Hitachi Semiconductor

Back Button HD64570 Datasheet HTML 2Page - Hitachi Semiconductor HD64570 Datasheet HTML 3Page - Hitachi Semiconductor HD64570 Datasheet HTML 4Page - Hitachi Semiconductor HD64570 Datasheet HTML 5Page - Hitachi Semiconductor HD64570 Datasheet HTML 6Page - Hitachi Semiconductor HD64570 Datasheet HTML 7Page - Hitachi Semiconductor HD64570 Datasheet HTML 8Page - Hitachi Semiconductor HD64570 Datasheet HTML 9Page - Hitachi Semiconductor HD64570 Datasheet HTML 10Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 469 page
background image
Rev. 0, 07/98, page ii of 11
Changes in the Revised Edition
The following tables list the main differences between this revision and the previous edition
(ADE-602-035A). (2nd edition) The changes are marked with stars (*) in the text.
Changes in the Specifications
Specifications
Modifications
WTR SCA added
A chip with Wide Temperature Range
(
−40 to 85°C) has been added to the product
lineup.
Changes in the Text
Page
Title
Modifications
1, 2, 3
1.2 Features,
Table 3.1 Maximum data transfer rate
supply voltage product lineup
A chip with Wide Temperature Range
(
−40 to 85°C) has been added to the product
lineup.


Numéro de pièce similaire - HD64570

FabricantNo de pièceFiches techniqueDescription
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Intersil Corporation
HD6409 INTERSIL-HD6409 Datasheet
68Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Renesas Technology Corp
HD6412240 RENESAS-HD6412240 Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
HD6412240FA RENESAS-HD6412240FA Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
HD6412240TE RENESAS-HD6412240TE Datasheet
3Mb / 818P
   Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
More results

Description similaire - HD64570

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
   Serial Communications Controller
logo
Adlink Technology Inc.
CPCI-3534 ADLINK-CPCI-3534 Datasheet
207Kb / 1P
   Serial Communications Controller
CPCI-3544 ADLINK-CPCI-3544 Datasheet
168Kb / 1P
   Serial Communications Controller
logo
List of Unclassifed Man...
AMWx06-A1U ETC2-AMWx06-A1U Datasheet
1Mb / 13P
   Serial Communications Primer
logo
Zilog, Inc.
Z08030 ZILOG-Z08030 Datasheet
304Kb / 9P
   Serial Communications Controller
Z16C3510VSG ZILOG-Z16C3510VSG Datasheet
2Mb / 63P
   INTEGRATED SERIAL COMMUNICATIONS CONTROLLER
logo
Advanced Micro Devices
AM85C30 AMD-AM85C30 Datasheet
527Kb / 68P
   Enhanced Serial Communications Controller
logo
Zilog, Inc.
Z8523L08VEG ZILOG-Z8523L08VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523020VSG ZILOG-Z8523020VSG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
Z8523016VEG ZILOG-Z8523016VEG Datasheet
1Mb / 118P
   Enhanced Serial Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com