Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS62480 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS62480
Description  2-Phase Step-Down Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62480 Fiches technique(HTML) 3 Page - Texas Instruments

  TPS62480 Datasheet HTML 1Page - Texas Instruments TPS62480 Datasheet HTML 2Page - Texas Instruments TPS62480 Datasheet HTML 3Page - Texas Instruments TPS62480 Datasheet HTML 4Page - Texas Instruments TPS62480 Datasheet HTML 5Page - Texas Instruments TPS62480 Datasheet HTML 6Page - Texas Instruments TPS62480 Datasheet HTML 7Page - Texas Instruments TPS62480 Datasheet HTML 8Page - Texas Instruments TPS62480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TOP VIEW
1
1
BOTTOM VIEW
2
3
4
5
6
7
8
16
15
14
13
12
9
10
11
4
5
6
7
8
16
15
14
13
12
2
3
11
10
9
3
TPS62480
www.ti.com
SLVSCL9A – FEBRUARY 2016 – REVISED FEBRUARY 2016
Product Folder Links: TPS62480
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
space
RNC Package
16-Pin (VQFN)
space
space
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
PGND1
1
Power Ground Phase 1 (master)
SW1
2
Switch Node Phase 1 (master) , connected to the internal MOSFET switches
VIN1
3
Supply voltage Phase 1 (master)
EN
4
I
Enable input (High=Enabled, Low = Disabled)
PG
5
O
Power Good (open drain, requires pull-up resistor)
VSEL
6
I
Output Voltage Select (High = VOUT2, Low=VOUT1) , VOUT1 < VOUT2
TG
7
O
Thermal Good (open drain, requires pull-up resistor)
MODE
8
I
Operating mode selection (Low=Automatic PWM/PSM, High = Forced PWM)
VIN2
9
Supply voltage Phase 2
SW2
10
Switch node Phase 2, connected to the internal MOSFET switches
PGND2
11
Power Ground Phase 2
SS/TR
12
O
Soft-Start / Tracking. An external capacitor connected to this pin sets the output voltage rise
time.
AGND
13
Analog Ground
FB
14
Output voltage feedback for the adjustable version. Connect resistive voltage divider to this
pin.
RS
15
Resistor Select. Connect resistor that sets the level for the second output voltage here
(activated by VSEL= High)
VO
16
VOUT detection (connect to VOUT, output discharge is internally connected to this pin)


Numéro de pièce similaire - TPS62480

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS62400 TI-TPS62400 Datasheet
1Mb / 39P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400 Datasheet
209Kb / 8P
[Old version datasheet]   Power for C5504/05
TPS62400 TI-TPS62400 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Description similaire - TPS62480

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LMR16020 TI1-LMR16020 Datasheet
161Kb / 9P
[Old version datasheet]   2 A Step-Down Converter
LP8755 TI1-LP8755_14 Datasheet
1Mb / 51P
[Old version datasheet]   Multi-Phase 6-Core Step-Down Converter
logo
SG Micro Corp
SGM6230 SGMICRO-SGM6230 Datasheet
349Kb / 14P
   Step-Down Converter
logo
Richtek Technology Corp...
RT6212C RICHTEK-RT6212C Datasheet
848Kb / 16P
   Step-Down Converter
logo
Semtech Corporation
SC2441 SEMTECH-SC2441 Datasheet
718Kb / 35P
   Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
SC2441A SEMTECH-SC2441A_09 Datasheet
1Mb / 37P
   1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
logo
SG Micro Corp
SGM6130 SGMICRO-SGM6130 Datasheet
347Kb / 14P
   Step-Down Converter
logo
Linear Technology
LT3742 LINER-LT3742 Datasheet
283Kb / 24P
   Dual, 2-Phase Step-Down Switching Controller
logo
Maxim Integrated Produc...
MAX16935 MAXIM-MAX16935 Datasheet
1Mb / 17P
   Step-Down Converter
Rev 2; 3/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com