Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS7A61-Q1 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS7A61-Q1
Description  300-mA, 40-V Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A61-Q1 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS7A61-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 9Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 10Page - Texas Instruments TPS7A61-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
7
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
www.ti.com
SLVSA62H – MARCH 2010 – REVISED MARCH 2016
Product Folder Links: TPS7A6033-Q1 TPS7A6050-Q1 TPS7A6150-Q1
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VIN = 14 V, TJ = –40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Applicable for TPS7A60xx-Q1 only.
RESET DELAY (RDELAY PIN)
VTH(RDELAY)
(3)
Threshold to release nRST
high
Voltage at RDELAY pin is ramped up.
3
3.3
V
IDLY
(3)
Delay capacitor charging
current
0.75
1
1.25
µA
IOL
(3)
Delay capacitor discharging
current
Voltage at RDELAY pin = 1 V
5
mA
OPERATING TEMPERATURE RANGE
TJ
Operating junction
temperature
–40
150
ºC
TSHUTDOWN
Thermal shutdown trip point
165
ºC
THYST
Thermal shutdown hysteresis
10
ºC
7.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESET (nRST PIN)
tPOR
Power-on-reset delay
CDLY = 100 pF
300
µs
CDLY = 100 nF
300
ms
tPOR-PRESET
Internally preset power-on-
reset delay
CDLY not connected in TPS7A60xx or not available
in TPS7A61xx, VOUT = 5 V and VOUT = 3.3 V
250
µs
tDEGLITCH
Reset deglitch time
5.5
µs


Numéro de pièce similaire - TPS7A61-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6133-Q1 TI1-TPS7A6133-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6133QKVURQ1 TI1-TPS7A6133QKVURQ1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6150-Q1 TI1-TPS7A6150-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6150QKVURQ1 TI1-TPS7A6150QKVURQ1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
More results

Description similaire - TPS7A61-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS7A6301-Q1 TI1-TPS7A6301-Q1_15 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator
TPS7A6301-Q1 TI1-TPS7A6301-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH ULTRALOW Iq
TPS7A6301-Q1 TI1-TPS7A6301-Q1_16 Datasheet
1Mb / 41P
[Old version datasheet]   300-mA 40-V Low-Dropout Regulator With Ultra-Low IQ
logo
ON Semiconductor
NCP4625HSN18T1G ONSEMI-NCP4625HSN18T1G Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
NCP4625 ONSEMI-NCP4625 Datasheet
535Kb / 17P
   300 mA, 10 V, Low Dropout Regulator
February, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com