Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS715A01DRBRG4 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS715A01DRBRG4
Description  24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715A01DRBRG4 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS715A01DRBRG4 Datasheet HTML 1Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 2Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 3Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 4Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS715A01DRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
TPS715A33
OUT
IN
GND
MSP430
Li+
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS715A
SBVS047H – MAY 2004 – REVISED MARCH 2016
TPS715A
24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
1
1 Features
1
24-V Maximum Input Voltage
Low 3.2-
μA Quiescent Current at 80 mA
Stable With Any Capacitor (
≥ 0.47 μF)
80-mA Specified Current
Available in Fixed and Adjustable (1.2 V to 15 V)
Versions
Specified Current Limit
3-mm × 3-mm and 2-mm × 2-mm SON Packages
–40°C to 125°C Specified Junction
Temperature Range
For MSP430-Specific Output Voltages See
TPS715xx
2 Applications
Ultralow Power Microcontrollers
Industrial and Automotive Applications
Video Surveillance and Security Systems
Portable, Battery-Powered Equipment
Medical Imaging
3 Description
The TPS715A low-dropout (LDO) voltage regulators
offer the benefits of high input voltage, low-dropout
voltage,
low-power
operation,
and
miniaturized
packaging. The devices operate over an input range
of 2.5 V to 24 V and are stable with any capacitor (
0.47
μF). The high maximum input voltage combined
with excellent power dissipation capability makes this
device
particularly
well-suited
to
industrial
and
automotive applications.
A PMOS pass element functions as a low-value
resistor. The low dropout voltage, typically 670 mV at
80 mA of load current, is directly proportional to the
load current. The low quiescent current (3.2
μA
typically) is nearly constant over the entire range of
output load current (0 mA to 80 mA).
The TPS715A is available in a 3-mm × 3-mm
package ideal for high power dissipation and a small
2-mm × 2-mm package ideal for handheld and ultra-
portable applications. The 3-mm × 3-mm package is
also available as a non-magnetic package for medical
imaging applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS715A
SON (8), DRB
3.00 mm × 3.00 mm
SON (6), DRV
2.00 mm × 2.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Schematic


Numéro de pièce similaire - TPS715A01DRBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715A01DRBRG4 TI1-TPS715A01DRBRG4 Datasheet
820Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA LDO LINEAR REGULATORS
TPS715A01DRBRG4 TI-TPS715A01DRBRG4 Datasheet
920Kb / 20P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED, 80mA
TPS715A01DRBRG4 TI1-TPS715A01DRBRG4 Datasheet
6Mb / 39P
[Old version datasheet]   TPS715A 80-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Description similaire - TPS715A01DRBRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS715A-NM TI1-TPS715A-NM Datasheet
466Kb / 20P
[Old version datasheet]   24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A TI-TPS715A_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS715A, 24-V High Input Voltage, Micropower, 80-mA LDO Voltage Regulator
TPS715A01 TI-TPS715A01 Datasheet
285Kb / 11P
[Old version datasheet]   HIGH INPUT VOLTAGE, MICROPOWER SON PACKAGED 80-mA LDO LINEAR REGULATORS
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
   80 mA LDO VOLTAGE REGULATOR IC
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
   150 mA 24 V Input High Voltage Regulator
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
   150 mA 24 V Input High Voltage Regulator
logo
Microchip Technology
MCP1799 MICROCHIP-MCP1799 Datasheet
1Mb / 25P
   80 mA High-Voltage Automotive LDO
05/14/19
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com