Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10W-60024S-NZ Datasheet(Fiches technique) 3 Page - AIMTEC

Numéro de pièce AM10W-60024S-NZ
Description  10 Watt | DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10W-60024S-NZ Datasheet(HTML) 3 Page - AIMTEC

  AM10W-60024S-NZ Datenblatt HTML 1Page - AIMTEC AM10W-60024S-NZ Datenblatt HTML 2Page - AIMTEC AM10W-60024S-NZ Datasheet HTML 3Page - AIMTEC AM10W-60024S-NZ Datenblatt HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Series AM10W-NZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
3 of 4
North America only
Derating
NOTE: 1. Derated Pout = Pout * temp. derating * Vin derating.
2. Sufficient air space for natural air flow around must be considered.
100
1000
100
80
60
40
20
0
Safe Operating Area
Free Air Convection at 25°C
Input Voltage VDC
200
70
- 40
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
100-150VDC
Ambient Temperature º C
Free Air Convection
50
-30
70
- 40
-20
0
20
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
150-1000VDC
Ambient Temperature º C
Free Air Convection
50
70


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn