Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15W-NZ Fiches technique(PDF) 2 Page - AIMTEC

No de pièce AM15W-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15W-NZ Fiches technique(HTML) 2 Page - AIMTEC

  AM15W-NZ Datasheet HTML 1Page - AIMTEC AM15W-NZ Datasheet HTML 2Page - AIMTEC AM15W-NZ Datasheet HTML 3Page - AIMTEC AM15W-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AM15W-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
2 of 4
North America only
General Specifications (continued)
Parameters
Conditions
Typical
Maximum
Units
Weight
95
g
Dimensions (L x W x H)
2.76 x 1.89 x 0.93 inches
70.00 x 48.00 x 23.50 mm
MTBF
>300,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25
oC)
Maximum soldering temperature
1.5mm from case for 5-10 sec
260
oC
Safety Specifications
Parameters
Standards
EMI - Conducted and radiated emission
EN55022, class A (with the recommended EMC circuit)
EN55024: 2010
Electrostatic Discharge Immunity
IEC 61000-4-2: Contact ±6KV/Air ±8KV, Criteria B
RF, Electromagnetic Field Immunity
IEC 61000-4-3: 10V/m, Criteria A
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4: ±4KV, Criteria B
Surge Immunity
IEC 61000-4-5: ±2KV, Criteria B
RF, Conducted Disturbance Immunity
IEC 61000-4-6: 10Vrms, Criteria A
Power frequency Magnetic Field Immunity
IEC 61000-4-8: 10A/m, Criteria A
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11: 0-70%, Criteria B
Pin Out Specifications
Pin
Single
1
N.C.
2
-Vin
3
+Vin
4
-Vout
5
+Vout
Dimensions
70.00
(2.76)
Bottom
View
1
2
4
4.00
(0.16)
4.00
(0.16)
62.00
(2.44)
1.00
(0.04)
Case Tolerance ±0.50 (±0.02)
Pin Diameter ± 0.10 (± 0.004)
Dimensions mm (inch)
Ø 1.50 (Ø 0.06)
DIV: 10.00 (0.40)
Top View
1
2
5
4
3
5
3


Numéro de pièce similaire - AM15W-NZ

FabricantNo de pièceFiches techniqueDescription
AIMTEC
AIMTEC
AM15WM-80012S-NZ AIMTEC-AM15WM-80012S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-80015S-NZ AIMTEC-AM15WM-80015S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-80024S-NZ AIMTEC-AM15WM-80024S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-NZ AIMTEC-AM15WM-NZ Datasheet
541Kb / 3P
   DC-DC Converter
More results

Description similaire - AM15W-NZ

FabricantNo de pièceFiches techniqueDescription
AIMTEC
AIMTEC
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
Wall Industries,Inc.
Wall Industries,Inc.
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
More results


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz