Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM15W-NZ Fiches technique(PDF) 1 Page - AIMTEC

No de pièce AM15W-NZ
Description  15 Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM15W-NZ Fiches technique(HTML) 1 Page - AIMTEC

  AM15W-NZ Datasheet HTML 1Page - AIMTEC AM15W-NZ Datasheet HTML 2Page - AIMTEC AM15W-NZ Datasheet HTML 3Page - AIMTEC AM15W-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series AM15W-NZ
15 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
1 of 4
North America only
Picture coming soon
FEATURES:
• Super wide 10:1 Input range
• No minimum load required
• Extremely High Input range up to 1000VDC
High efficiency of up to 80%
• Operating temperature of -40 to +70°C
I/O Isolation of 4000VAC
• Over current and Over Voltage protection
Reversed connection protection
Models
Single output
Model
Input Voltage
(V)
Output
Voltage
(V)
Output
Current max
(A)
Isolation
(VAC)
Max
Capacitive
Load(uF)
Efficiency
(200VDC) (%)
AM15W-60012S-NZ
100-1000
12
1.25
4000
2000
72
AM15W-60015S-NZ
100-1000
15
1
4000
1200
78
AM15W-60024S-NZ
100-1000
24
0.625
4000
470
80
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at
rated output load unless otherwise specified.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage range
100-1000
VDC
Input Current
200VDC
120
mA
600VDC
40
1000VDC
22
Inrush current <2ms
200VDC
7
A
600VDC
20
1000VDC
30
External fuse
Slow blow
2
A
Startup time
200-1000VDC
1
s
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
1 min
4000
VAC
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±1
±2
%
Line voltage regulation
LL-HL
±0.5
±1
% of Vin
Load voltage regulation
0-100% load
±0.5
±1
%
Over voltage protection
Zener diode clamp
Over current protection
110
% of Iout
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Temperature coefficient
±0.02
%/
oC
Ripple & Noise
20MHz Bandwidth
100
200
mV p-p
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
75
KHz
Operating temperature
With derating
-40 to 70
°C
Storage temperature
-40 to 105
°C
Maximum case temperature
95
°C
Cooling
Natural convection
Humidity
95
% RH
Case material
Black plastic (UL94-V0)


Numéro de pièce similaire - AM15W-NZ

FabricantNo de pièceFiches techniqueDescription
AIMTEC
AIMTEC
AM15WM-80012S-NZ AIMTEC-AM15WM-80012S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-80015S-NZ AIMTEC-AM15WM-80015S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-80024S-NZ AIMTEC-AM15WM-80024S-NZ Datasheet
541Kb / 3P
   DC-DC Converter
AM15WM-NZ AIMTEC-AM15WM-NZ Datasheet
541Kb / 3P
   DC-DC Converter
More results

Description similaire - AM15W-NZ

FabricantNo de pièceFiches techniqueDescription
AIMTEC
AIMTEC
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
   15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
   15 Watt | DC-DC Converter
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
   15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
   15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
   15 Watt | DC-DC Converter
AM15EW-I AIMTEC-AM15EW-I Datasheet
123Kb / 2P
   15 Watt | DC-DC Converter
AM15E-IZ AIMTEC-AM15E-IZ Datasheet
536Kb / 5P
   15 Watt | DC-DC Converter
Wall Industries,Inc.
Wall Industries,Inc.
DM WALL-DM Datasheet
162Kb / 3P
   15 Watt DC/DC Converter
YFW15 WALL-YFW15 Datasheet
130Kb / 3P
   15 Watt DC/DC Converter
More results


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz