Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

AM10W-60005S-NZ Datasheet(Fiches technique) 4 Page - AIMTEC

Numéro de pièce AM10W-60005S-NZ
Description  10 Watt | DC-DC Converter
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo AIMTEC - AIMTEC

AM10W-60005S-NZ Datasheet(HTML) 4 Page - AIMTEC

  AM10W-60005S-NZ Datenblatt HTML 1Page - AIMTEC AM10W-60005S-NZ Datenblatt HTML 2Page - AIMTEC AM10W-60005S-NZ Datenblatt HTML 3Page - AIMTEC AM10W-60005S-NZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM10W-NZ
10 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R13
4 of 4
North America only
Typical Application circuit
DC
DC
+ Vin
- Vin
+ Vout
- Vout
Single Output
MOV
S20K1000
FUSE
1A
C1
1µF/50V
NTC
+ Vin
- Vin
+
-
C2
+
TVS
Recommended EMC Circuit
DC
DC
+ Vin
- Vin
+ Vout
- Vout
Single Output
MOV
S20K1000
FUSE
1A
C5
1µF/50V
+ Vin
- Vin
+ Vout
- Vout
C6
+
TVS
LCM
10mH
NTC
+
+
+
+
C1
C2
C3
C4
R1
R2
R3
R4
LDM
4.7mH/0.5A
Model
C1, C2, C3 &C4
R1, R2, R3 & R4
C6
TVS
5 Vout
47 µF/450V
1M
Ω / 2W
220 µF / 35V
7V
9 Vout
120 µF / 35V
12V
24 Vout
68 µF / 35V
33V
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet
. 7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Model
C2
TVS
5 Vout
220 µF / 35V
7V
9 Vout
120 µF / 35V
12V
24 Vout
68 µF / 35V
33V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn