Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM285LPRE3-2-5 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM285LPRE3-2-5
Description  Micropower Voltage References
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM285LPRE3-2-5 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM285LPRE3-2-5 Datasheet HTML 5Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 6Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 7Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 8Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 9Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 10Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 11Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 12Page - Texas Instruments LM285LPRE3-2-5 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
VI
t − Time − µs
0
100
500
600
0
5
0
1
2
3
VO
24 kΩ
Output
4
Input
LM385-2.5
221 k
9 V
2.5 V
9
LM285-2.5, LM385-2.5, LM385B-2.5
www.ti.com
SLVS023K – JANUARY 1989 – REVISED MARCH 2016
Product Folder Links: LM285-2.5 LM385-2.5 LM385B-2.5
Submit Documentation Feedback
Copyright © 1989–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMx85-2.5 and LM385B-2.5 devices create a voltage reference for use in a variety of applications including
amplifiers, power supplies, and current-sensing circuits.
8.2 Typical Application
Figure 8 shows how to use these devices to establish a 2.5-V source from a 9-V battery.
Figure 8. Reference From a 9-V Battery
8.2.1 Design Requirements
The key design requirement when using this device as a voltage reference is to supply the LM385 with a
minimum Cathode Current (IZ), as indicated in Electrical Characteristics.
8.2.2 Detailed Design Procedure
To generate a constant and stable reference voltage, a current greater than IZ(MIN) must be sourced into the
cathode of this device. This can be accomplished using a current regulating device such as LM334 or a simple
resistor. For a resistor, its value should be equal to or greater than (Vsupply - Vreference) ÷ IZ(MIN) .
8.2.3 Application Curve
Figure 9. Device Transient Response


Numéro de pièce similaire - LM285LPRE3-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285LPRE3-2-5 TI-LM285LPRE3-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Description similaire - LM285LPRE3-2-5

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM285-2-5 TI-LM285-2-5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2_16 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LM385-1.2-MIL TI1-LM385-1.2-MIL Datasheet
402Kb / 16P
[Old version datasheet]   Micropower Voltage References
LM385LPE3-2-5 TI1-LM385LPE3-2-5 Datasheet
651Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285 TI-LM285 Datasheet
307Kb / 15P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385B-2.5 TI-LM385B-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-2.5 TI-LM285-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM385-2-5 TI-LM385-2-5 Datasheet
670Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
LM285-1.2 TI1-LM285-1.2 Datasheet
1Mb / 25P
[Old version datasheet]   Micropower Voltage References
LT1004-12 TI-LT1004-12 Datasheet
353Kb / 20P
[Old version datasheet]   MICROPOWER INTEGRATED VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com