Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD4541BM Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce CD4541BM
Description  Programmable Timer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4541BM Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  CD4541BM Datasheet HTML 1Page - National Semiconductor (TI) CD4541BM Datasheet HTML 2Page - National Semiconductor (TI) CD4541BM Datasheet HTML 3Page - National Semiconductor (TI) CD4541BM Datasheet HTML 4Page - National Semiconductor (TI) CD4541BM Datasheet HTML 5Page - National Semiconductor (TI) CD4541BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC Electrical Characteristics (Note 2)CD4541BC (Continued)
Symbol
Parameter
Conditions
b
40 C
a
25 C
a
85 C
Units
Min
Max
Min
Typ
Max
Min
Max
VIH
High Level Input Voltage
VDD e 5V VO e 05V or 45V
35
35
3
35
V
VDD e 10V VO e 10V or 90V
70
70
6
70
V
VDD e 15V VO e 15V or 135V 110
110
9
110
V
IOL
Low Level Output Current
VDD e 5V VO e 04V
232
196
36
16
mA
(Note 3)
VDD e 10V VO e 05V
318
266
90
218
mA
VDD e 15V VO e 15V
124
104
340
850
mA
IOH
High Level Output Current
VDD e 5V VO e 25V
51
427
130
35
mA
(Note 3)
VDD e 10V VO e 95V
269
225
80
185
mA
VDD e 15V VO e 135V
105
88
300
722
mA
IIN
Input Current
VDD e 15V VIN e 0V
b
03
b
10b5
b
03
b
10
m
A
VDD e 15V VIN e 15V
03
10b5
03
10
m
A
AC Electrical Characteristics TA e 25 C CL e 50 pF (refer to test circuits)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tTLH
Output Rise Time
VDD e 5V
50
200
ns
VDD e 10V
30
100
ns
VDD e 15V
25
80
ns
tTHL
Output Fall Time
VDD e 5V
50
200
ns
VDD e 10V
30
100
ns
VDD e 15V
25
80
ns
tPLH tPHL
Turn-Off Turn-On Propagation Delay
VDD e 5V
18
40
m
s
Clock to Q (28 Output)
VDD e 10V
06
15
m
s
VDD e 15V
04
10
m
s
tPHL tPLH
Turn-On Turn-Off Propagation Delay
VDD e 5V
32
80
m
s
Clock to Q (216 Output)
VDD e 10V
15
30
m
s
VDD e 15V
10
20
m
s
tWH(CL)
Clock Pulse Width
VDD e 5V
400
200
ns
VDD e 10V
200
100
ns
VDD e 15V
150
70
ns
fCL
Clock Pulse Frequency
VDD e 5V
25
10
MHz
VDD e 10V
60
30
MHz
VDD e 15V
85
40
MHz
tWH(R)
MR Pulse Width
VDD e 5V
400
170
ns
VDD e 10V
200
75
ns
VDD e 15V
150
50
ns
CI
Average Input Capacitance
Any Input
50
75
pF
CPD
Power Dissipation Capacitance (Note 4)
100
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
IOH and IOL are tested one output at a time
Note 4
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C family characteristics application note
AN-90
3


Numéro de pièce similaire - CD4541BM

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD4541BM TI-CD4541BM Datasheet
93Kb / 9P
[Old version datasheet]   CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
logo
Harris Corporation
CD4541BM HARRIS-CD4541BM Datasheet
78Kb / 8P
   CMOS Programmable Timer High Voltage Types (20V Rating)
logo
Texas Instruments
CD4541BM TI-CD4541BM Datasheet
574Kb / 15P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types(20V Rating)
CD4541BM TI-CD4541BM Datasheet
671Kb / 17P
[Old version datasheet]   CMOS Programmable Timer High Voltage Types (20V Rating)
CD4541BM TI1-CD4541BM Datasheet
1Mb / 18P
[Old version datasheet]   CMOS Programmable Timer
More results

Description similaire - CD4541BM

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14541B ONSEMI-MC14541B Datasheet
195Kb / 8P
   Programmable Timer
March, 2000 ??Rev. 6
logo
NXP Semiconductors
HEF4541B PHILIPS-HEF4541B Datasheet
144Kb / 8P
   Programmable timer
January 1995
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC_02 Datasheet
86Kb / 8P
   Programmable Timer
logo
SELEC Controls Pvt. Ltd
XT532 SELEC-XT532 Datasheet
135Kb / 2P
   PROGRAMMABLE TIMER
logo
Motorola, Inc
MC14536B MOTOROLA-MC14536B Datasheet
333Kb / 13P
   PROGRAMMABLE TIMER
logo
Unisonic Technologies
CD4541 UTC-CD4541_12 Datasheet
262Kb / 7P
   PROGRAMMABLE TIMER
logo
Fairchild Semiconductor
CD4541BC FAIRCHILD-CD4541BC Datasheet
77Kb / 8P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B_06 Datasheet
150Kb / 14P
   Programmable Timer
April, 2006 ??Rev. 9
logo
System Logic Semiconduc...
SL4541B SLS-SL4541B Datasheet
47Kb / 5P
   Programmable Timer
logo
ON Semiconductor
MC14536B ONSEMI-MC14536B Datasheet
294Kb / 16P
   Programmable Timer
March, 2000 ??Rev. 5
logo
STMicroelectronics
HCC4536B STMICROELECTRONICS-HCC4536B Datasheet
351Kb / 17P
   PROGRAMMABLE TIMER
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com