Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6865MZ Fiches technique(PDF) 4 Page - Sanken electric

No de pièce SMA6865MZ
Description  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6865MZ Fiches technique(HTML) 4 Page - Sanken electric

  SMA6865MZ Datasheet HTML 1Page - Sanken electric SMA6865MZ Datasheet HTML 2Page - Sanken electric SMA6865MZ Datasheet HTML 3Page - Sanken electric SMA6865MZ Datasheet HTML 4Page - Sanken electric SMA6865MZ Datasheet HTML 5Page - Sanken electric SMA6865MZ Datasheet HTML 6Page - Sanken electric SMA6865MZ Datasheet HTML 7Page - Sanken electric SMA6865MZ Datasheet HTML 8Page - Sanken electric SMA6865MZ Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
VCC 2
LIN1
VCC1
HIN 1
COM1
VB1
HO 3
HS3
LIN2
LIN3
SD 2
COM 2
LO 1
LO 2
LO 3
M
MC U
15 V
HVIC
LVIC
HIN 2
HIN 3
VB2 VB3
HO 2
HO 1
HS1
HS2
10
13
4
5
6
7
8
24
12
11
13
16
17
14
23
22
19
18
20
21
OCL
2
SD1
9
RC
15
RUP1
5V
5V
RUP2
DZ1
DZ2
RS
5V
CC
RR
CSD1
CSD2
CSB
SMA6860MZ
Typical Application Diagram
NOTE:
The external electrolytic capacitors should be placed as close to the IC as possible, in order to avoid malfunctions
from external noise interference. Put a ceramic capacitor in parallel with the electrolytic capacitor if further
reduction of noise susceptibility is necessary.
Shows configuration for implementing current
limiter function: ¯O¯¯¯C¯¯L¯and ¯S¯¯¯D¯¯1¯ pins tied together


Numéro de pièce similaire - SMA6865MZ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6865MH SANKEN-SMA6865MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
More results

Description similaire - SMA6865MZ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com