Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6863MZ Fiches technique(PDF) 10 Page - Sanken electric

No de pièce SMA6863MZ
Description  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6863MZ Fiches technique(HTML) 10 Page - Sanken electric

Back Button SMA6863MZ Datasheet HTML 6Page - Sanken electric SMA6863MZ Datasheet HTML 7Page - Sanken electric SMA6863MZ Datasheet HTML 8Page - Sanken electric SMA6863MZ Datasheet HTML 9Page - Sanken electric SMA6863MZ Datasheet HTML 10Page - Sanken electric SMA6863MZ Datasheet HTML 11Page - Sanken electric SMA6863MZ Datasheet HTML 12Page - Sanken electric SMA6863MZ Datasheet HTML 13Page - Sanken electric SMA6863MZ Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6860MZ Series
SMA6860MZ-DS, Rev. 5
Truth Table
Mode
Hin
Lin
H-side MOSFET
L-side MOSFET
Normal
L
L
Off
Off
H
L
On
Off
L
H
Off
On
H
H
On
On
TSD
L
L
Off
Off
H
L
On
Off
L
H
Off
Off
H
H
On
Off
OCP
L
L
Off
Off
H
L
On
Off
L
H
Off
Off
H
H
On
Off
OCL ( = L)1
L
L
Off
Off
H
L
Off
Off
L
H
Off
On
H
H
Off
On
UVLO ( VCC )2
L
L
Off
Off
H
L
Off
Off
L
H
Off
Off
H
H
Off
Off
UVLO ( VB )3
L
L
Off
Off
H
L
Off
Off
L
H
Off
On
H
H
Off
On
SD2 ( = L)
L
L
Off
Off
H
L
On
Off
L
H
Off
Off
H
H
On
Off
1
The OCL feature is enabled when the ¯O¯¯¯C¯¯L¯ and ¯S¯¯¯D¯¯1¯ pins are tied together externally. If these pins are not tied when an
OCL condition occurs, device operation continues in Normal mode.
2
Returning to the Normal mode of operation from a VCC UVLO condition, a high-side MOSFET resumes switching
on the rising edge of an HINx input. On the other hand, a low-side MOSFET resumes switching on the first logic high
of a LINx input after release of the UVLO condition.
3
Returning to the Normal mode of operation from a VB UVLO condition, a high-side MOSFET resumes switching on the rising
edge of an HINx input.
Note: To prevent a shoot-through condition, the external microcontroller should not drive HINx = LINx = H at the same time.


Numéro de pièce similaire - SMA6863MZ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
SMA6863MH SANKEN-SMA6863MH Datasheet
1Mb / 52P
   500 V, 1 A to 3 A High Voltage 3-phase Motor Drivers
More results

Description similaire - SMA6863MZ

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com