Moteur de recherche de fiches techniques de composants électroniques |
|
SMA6862MZ Fiches technique(PDF) 2 Page - Sanken electric |
|
SMA6862MZ Fiches technique(HTML) 2 Page - Sanken electric |
2 / 19 page 2 SANKEN ELECTRIC CO., LTD. High Voltage 3-Phase Motor Drivers SMA6860MZ Series SMA6860MZ-DS, Rev. 5 Selection Guide Part Number MOSFET Breakdown Voltage, VDSS(min) (V) Output Current Continuous, IO(max) (A) Pulsed, IOP (max) (A) SMA6861MZ 250 2 3.0 SMA6862MZ 500 1.5 2.25 SMA6863MZ 500 2.5 3.75 SMA6864MZ 250 2.5 3.75 SMA6865MZ 500 2.5 3.75 All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, TA, of 25°C, unless otherwise stated. Absolute Maximum Ratings , valid at TA = 25°C Characteristic Symbol Remarks Rating Unit MOSFET Breakdown Voltage VDSS SMA6861MZ VCC = 15 V, ID = 100 μA, VIN = 0 V 250 V SMA6862MZ 500 V SMA6863MZ 500 V SMA6864MZ 250 V SMA6865MZ 500 V Logic Supply Voltage VCC Between VCC and COM 20 V Bootstrap Voltage VBS Between VB and HS (U,V, and W phases) 20 V Output Current, Continuous IO SMA6861MZ 2 A SMA6862MZ 1.5 A SMA6863MZ 2.5 A SMA6864MZ 2.5 A SMA6865MZ 2.5 A Output Current, Pulsed IOP SMA6861MZ PW ≤ 100 μs, duty cycle = 1% 3.0 A SMA6862MZ 2.25 A SMA6863MZ 3.75 A SMA6864MZ 3.75 A SMA6865MZ 3.75 A Input Voltage VIN HINx and LINx pins –0.5 to 7 V Pull-up Voltage for Shutdown Pins VSDX SDx pins 7 V Pull-up Voltage for Overcurrent Limiting Pin VOCL 7V Allowable Power Dissipation PD TC = 25°C 28 W Thermal Resistance (Junction to Case) RθJC All elements operating 4.46 °C/W Thermal Resistance (Junction to Ambient) RθJA All elements operating 31.25 °C/W Case Operating Temperature TCOP –20 to 100 °C Storage Temperature Tstg –40 to 150 °C |
Numéro de pièce similaire - SMA6862MZ |
|
Description similaire - SMA6862MZ |