Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMA6822MH Fiches technique(PDF) 9 Page - Sanken electric

No de pièce SMA6822MH
Description  High Voltage 3-Phase Motor Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANKEN [Sanken electric]
Site Internet  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6822MH Fiches technique(HTML) 9 Page - Sanken electric

Back Button SMA6822MH Datasheet HTML 3Page - Sanken electric SMA6822MH Datasheet HTML 4Page - Sanken electric SMA6822MH Datasheet HTML 5Page - Sanken electric SMA6822MH Datasheet HTML 6Page - Sanken electric SMA6822MH Datasheet HTML 7Page - Sanken electric SMA6822MH Datasheet HTML 8Page - Sanken electric SMA6822MH Datasheet HTML 9Page - Sanken electric SMA6822MH Datasheet HTML 10Page - Sanken electric SMA6822MH Datasheet HTML 11Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
SANKEN ELECTRIC CO., LTD.
High Voltage 3-Phase Motor Drivers
SMA6820MH Series
Leadform: 2452
Terminal core material: Cu
Terminal plating: Ni
Recommended attachment: Solder dip (Sn-Ag-Cu)
Dimensions in millimeters
Branding Area
Branding codes (exact appearance at manufacturer discretion):
Front Branding Area
1st line, lot:
YMDD
R
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the date
R is the Sanken Reference Number
2nd line, type: SMA682xMH
Back Branding Area
1st line, subtype:
x
Where: x matches x in the type brand on front
31 ±0.2
31.3 ±0.2
1.27 ±0.5
0.6 +0.15
– 0.05
0.5 +0.15
– 0.05
9.5 +0.7
– 0.5
10.2 ±0.2
A
A
Measured at pin tips
2
4
6
8
10
12
14
16
18
20
22
24
1
3
5
7
9
11
13
15
17
19
21
23
4 ±0.2
R1
REF
4.5
REF
4.5 ±0.5
5 ±0.5
1.2 ±0.1
BSC
View A
Deflection at pin bend
0.7 MAX
0.7 MAX
View A
2X Gate protrusion
2X Exposed
tie bar
Gate protrusion
on either side
Package Outline Drawing
Leadform 2452
Dual rows, 24 alternating pins; vertical case mounting; pin #1 opposite chamfer side
Leadframe plating Pb-free. Device composition
complies with the RoHS directive.
SMA6820MH-DS


Numéro de pièce similaire - SMA6822MH

FabricantNo de pièceFiches techniqueDescription
logo
Sanken electric
SMA6822MH SANKEN-SMA6822MH Datasheet
751Kb / 18P
   250 V to 600 V, 1.5 A to 2.5 A High Voltage 3-phase Motor Driver ICs
More results

Description similaire - SMA6822MH

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
SLA6870MZ ALLEGRO-SLA6870MZ Datasheet
371Kb / 19P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com