Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

J-SST111 Datasheet(Fiches technique) 2 Page - Linear Integrated Systems

Numéro de pièce J-SST111
Description  SINGLE N-CHANNEL JFET SWITCH
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

J-SST111 Datasheet(HTML) 2 Page - Linear Integrated Systems

  J-SST111 Datenblatt HTML 1Page - Linear Integrated Systems J-SST111 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 20119 05/14/2014 Rev# A6 ECN# J SST 111
DYNAMIC ELECTRICAL CHARACTERISTICS @25 °C (unless otherwise stated)
SYM.
CHARACTERISTIC
TYP
J/SST111
J/SST112
J/SST113
UNIT
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
gfs
Forward Transconductance
6
mS
VDS = 20V, ID = 1mA
f = 1kHz
gos
Output Conductance
25
µS
rds(on)
Drain to Source On Resistance
30
50
100
Ω
VGS = 0V, ID = 1mA
f = 1kHz
Ciss
Input Capacitance
7
12
12
12
pF
VDS = 0V, VGS = -10V
f = 1MHz
Crss
Reverse Transfer Capacitance
3
5
5
5
en
Equivalent Noise Voltage
3
nV/√Hz
VDG = 10V, ID = 1mA
f = 1 kHz
SWITCHING CIRCUIT CHARACTERISTICS
SYM.
J/SST111
J/SST112
J/SST113
VGS(L)
-12V
-7V
-5V
RL
800Ω
1600Ω
3200Ω
ID(on)
12mA
6mA
3mA
SWITCHING CHARACTERISTICS
SYM.
CHARACTERISTIC
TYP
UNIT
CONDITIONS
td(on)
Turn On Time
2
ns
VDD = 10V
VGS(H) = 0V
tr
2
td(off)
Turn Off Time
6
tf
15
NOTES
1.
Absolute maximum ratings are limiting values above which serviceability may be impaired.
2.
Pulse test: PW ≤ 300µs, Duty Cycle ≤ 3%
3.
Derate 2.8mW/°C above 25°C
Information furnished by Linear Integrated Systems is believed to be accurate and reliable. However, no responsibility is assumed for its use;
nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Linear Integrated Systems.
51
R
L
1k
51
V
DD
V
GS(H)
V
GS(L)
OUT
SWITCHING TEST CIRCUIT
1
2
3
SOT-23
DIMENSIONS IN
MILLIMETERS
0.89
1.03
1.78
2.05
1.20
1.40
2.10
2.64
0.37
0.51
2.80
3.04
0.89
1.12
0.013
0.100
0.085
0.180
0.55
Linear Integrated Systems (LIS) is a 25-year-old, third-generation precision semiconductor company providing high-quality
discrete components. Expertise brought to LIS is based on processes and products developed at Amelco, Union Carbide, Intersil
and Micro Power Systems by company President John H. Hall. Hall, a protégé of Silicon Valley legend Dr. Jean Hoerni, was the
director of IC Development at Union Carbide, Co-Founder and Vice President of R&D at Intersil, and Founder/President of Micro
Power Systems.
SOT-23
TO-92


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn