Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N191 Fiches technique(PDF) 1 Page - Linear Integrated Systems

No de pièce 3N191
Description  P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

3N191 Fiches technique(HTML) 1 Page - Linear Integrated Systems

  3N191 Datasheet HTML 1Page - Linear Integrated Systems 3N191 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Linear Integrated Systems
• 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261
Doc 201140 05/15/2014 Rev#A7 ECN# 3N190 3N191
FEATURES
DIRECT REPLACEMENT FOR INTERSIL 3N190 & 3N191
LOW GATE LEAKAGE CURRENT
IGSS
≤ ±10pA
LOW TRANSFER CAPACITANCE
Crss
≤ 1.0pF
ABSOLUTE MAXIMUM RATINGS1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation @ TA=25ºC
Continuous Power Dissipation One Side
300mW
Continuous Power Dissipation Both Sides
525mW
Maximum Current
Drain to Source2
50mA
Maximum Voltages
Drain to Gate2
30V
Drain to Source2
30V
Gate to Gate
±80V
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated) (VSB = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
BVDSS
Drain to Source Breakdown Voltage
-40
V
ID = -10µA
BVSDS
Source to Drain Breakdown Voltage
-40
IS = -10µA, VBD = 0V
VGS
Gate to Source Voltage
-3.0
-6.5
VDS = -15V, ID = -500µA
VGS(th)
Gate to Source Threshold Voltage
-2.0
-5.0
VDS = VGS, ID = -10µA
-2.0
-5.0
VDS = -15V, ID = -500µA
IGSSR
Reverse Gate Leakage Current
10
pA
VGS = 40V
IGSSF
Forward Gate Leakage Current
-10
VGS = -40V
IDSS
Drain Leakage Current "Off"
-200
VDS = -15V
ISDS
Source to Drain Leakage Current "Off"
-400
VSD = -15V, VDB = 0V
ID(on)
Drain Current "On"3
-5.0
-30.0
mA
VDS = -15V, VGS = -10V
IG1G2
Gate to Gate Isolation Current
-
±1.0
µA
VG1G2 = ±80V, ID = IS = 0 = mA
MATCHING CHARACTERISTICS @ 25 °C (unless otherwise stated) (VBS = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX
UNITS
CONDITIONS
fs2
fs1
g
g
Forward Transconductance Ratio
0.85
1.0
VDS = -15V, ID = -500µA, f = 1kHz
VGS1-2
Gate to Source Threshold Voltage
Differential
100
mV
VDS = -15V, ID = -500µA
ΔT
ΔV
2
GS1
Gate to Source Threshold Voltage
Differential with Temperature4
100
C
μV
VDS = -15V, ID = -500µA
TS = -55 to +25 °C
ΔT
ΔV
2
GS1
Gate to Source Threshold Voltage
Differential with Temperature4
100
VDS = -15V, ID = -500µA
TS = +25 to +125 °C
3N190 3N191
P-CHANNEL DUAL MOSFET
ENHANCEMENT MODE
TO-78
TOP VIEW
case &
substrate


Numéro de pièce similaire - 3N191

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
3N191 CALOGIC-3N191 Datasheet
27Kb / 2P
   Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
logo
Linear Integrated Syste...
3N191 LINEAR-3N191 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
logo
Intersil Corporation
3N191 INTERSIL-3N191 Datasheet
75Kb / 2P
   DUAL P CHANNEL ENHANCEMENT MODE MOSFET
3N191 INTERSIL-3N191 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N191 NJSEMI-3N191 Datasheet
71Kb / 1P
   DUAL MATCHED P-CHANNEL ENHANCEMENT MODE MOS FETS
More results

Description similaire - 3N191

FabricantNo de pièceFiches techniqueDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
logo
Linear Integrated Syste...
3N190-1 LINEAR-3N190-1 Datasheet
274Kb / 2P
   P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com