Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD87355Q5DT Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD87355Q5DT
Description  Synchronous Buck NexFET Power Block
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87355Q5DT Fiches technique(HTML) 7 Page - Texas Instruments

Back Button CSD87355Q5DT Datasheet HTML 3Page - Texas Instruments CSD87355Q5DT Datasheet HTML 4Page - Texas Instruments CSD87355Q5DT Datasheet HTML 5Page - Texas Instruments CSD87355Q5DT Datasheet HTML 6Page - Texas Instruments CSD87355Q5DT Datasheet HTML 7Page - Texas Instruments CSD87355Q5DT Datasheet HTML 8Page - Texas Instruments CSD87355Q5DT Datasheet HTML 9Page - Texas Instruments CSD87355Q5DT Datasheet HTML 10Page - Texas Instruments CSD87355Q5DT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Qg - Gate Charge (nC)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
D014
Qg - Gate Charge (nC)
0
4
8
12
16
20
24
28
32
36
40
44
0
1
2
3
4
5
6
7
8
D015
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0.001
0.01
0.1
1
10
100
D012
TC = 125°C
TC = 25°C
TC = -55°C
VGS - Gate-to-Source Voltage (V)
0
0.5
1
1.5
2
2.5
0.001
0.01
0.1
1
10
100
D013
TC = 125°C
TC = 25°C
TC = -55°C
VDS - Drain-to-Source Voltage (V)
0
0.04
0.08
0.12
0.16
0.2
0
10
20
30
40
50
60
70
80
90
100
D011
VGS = 4.5 V
VGS = 6.0 V
VGS = 8.0 V
VDS - Drain-to-Source Voltage (V)
0
0.1
0.2
0.3
0.4
0.5
0
10
20
30
40
50
60
70
80
90
100
D010
VGS = 4.5 V
VGS = 6.0 V
VGS = 8.0 V
7
CSD87355Q5D
www.ti.com
SLPS575 – MARCH 2016
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5.8 Typical Power Block MOSFET Characteristics
TA = 25°C, unless stated otherwise.
Figure 9. Control MOSFET Saturation
Figure 10. Sync MOSFET Saturation
VDS = 5 V
Figure 11. Control MOSFET Transfer
VDS = 5 V
Figure 12. Sync MOSFET Transfer
ID = 20 A
VDD = 15 V
Figure 13. Control MOSFET Gate Charge
ID = 20 A
VDD = 15 V
Figure 14. Sync MOSFET Gate Charge


Numéro de pièce similaire - CSD87355Q5DT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87350Q5D TI1-CSD87350Q5D Datasheet
761Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87350Q5D TI1-CSD87350Q5D Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
CSD87350Q5D TI-CSD87350Q5D_15 Datasheet
1Mb / 23P
[Old version datasheet]   CSD87350Q5D Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Description similaire - CSD87355Q5DT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com