Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSD87355Q5D Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce CSD87355Q5D
Description  Synchronous Buck NexFET Power Block
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

CSD87355Q5D Fiches technique(HTML) 4 Page - Texas Instruments

  CSD87355Q5D Datasheet HTML 1Page - Texas Instruments CSD87355Q5D Datasheet HTML 2Page - Texas Instruments CSD87355Q5D Datasheet HTML 3Page - Texas Instruments CSD87355Q5D Datasheet HTML 4Page - Texas Instruments CSD87355Q5D Datasheet HTML 5Page - Texas Instruments CSD87355Q5D Datasheet HTML 6Page - Texas Instruments CSD87355Q5D Datasheet HTML 7Page - Texas Instruments CSD87355Q5D Datasheet HTML 8Page - Texas Instruments CSD87355Q5D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
HD
HG
LG
LD
M0189-01
LS
HS
HD
HG
LG
LD
M0190-01
LS
HS
4
CSD87355Q5D
SLPS575 – MARCH 2016
www.ti.com
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5.6 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
Q1 CONTROL FET
Q2 SYNC FET
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
30
30
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 24 V
1
1
μA
IGSS
Gate-to-source leakage current
VDS = 0 V,
VGS = +10 / –8 V
100
100
nA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 μA
1.00
1.90
0.75
1.20
V
ZDS(ON)
Drain-to-source ON impedance
VIN = 12 V, VGS = 5 V,
VOUT = 1.3 V, IOUT = 25 A,
ƒSW = 500 kHz,
LOUT = 0.29 µH
3.9
0.9
m
gfs
Transconductance
VDS = 3 V, IDS = 20 A
90
151
S
DYNAMIC CHARACTERISTICS
CISS
Input capacitance
VGS = 0 V, VDS = 15 V,
ƒ = 1 MHz
1430
1860
3570
4640
pF
COSS
Output capacitance
716
930
1730
2240
pF
CRSS
Reverse transfer capacitance
25
32
52
67
pF
RG
Series gate resistance
0.6
1.2
0.7
1.4
Ω
Qg
Gate charge total (4.5 V)
VDS = 15 V,
IDS = 20 A
10.5
13.7
24.3
31.5
nC
Qgd
Gate charge – gate-to-drain
2.3
4.1
nC
Qgs
Gate charge – gate-to-source
3.2
5.6
nC
Qg(th)
Gate charge at Vth
1.7
2.8
nC
QOSS
Output charge
VDS = 15 V, VGS = 0 V
18
40
nC
td(on)
Turn on delay time
VDS = 15 V, VGS = 4.5 V,
IDS = 20 A, RG = 2 Ω
8
10
ns
tr
Rise time
18
14
ns
td(off)
Turn off delay time
13
27
ns
tf
Fall time
3
6
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
IDS = 20 A, VGS = 0 V
0.8
1.0
0.8
1.0
V
Qrr
Reverse recovery charge
Vdd = 17 V, IF = 20 A,
di/dt = 300 A/
μs
43
82
nC
trr
Reverse recovery time
23.8
32.3
ns
Max RθJA = 50°C/W
when mounted on
1 inch2 (6.45 cm2) of
2 oz. (0.071-mm thick)
Cu.
Max RθJA = 102°C/W
when mounted on
minimum pad area of
2 oz. (0.071-mm thick)
Cu.


Numéro de pièce similaire - CSD87355Q5D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87350Q5D TI1-CSD87350Q5D Datasheet
761Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87350Q5D TI1-CSD87350Q5D Datasheet
3Mb / 49P
[Old version datasheet]   Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
CSD87350Q5D TI-CSD87350Q5D_15 Datasheet
1Mb / 23P
[Old version datasheet]   CSD87350Q5D Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results

Description similaire - CSD87355Q5D

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351Q5D TI-CSD87351Q5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87351ZQ5D TI-CSD87351ZQ5D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87331Q3D TI-CSD87331Q3D_15 Datasheet
1Mb / 22P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87335Q3D TI1-CSD87335Q3D Datasheet
625Kb / 23P
[Old version datasheet]   Synchronous Buck NexFET Power Block
CSD86350Q5D TI-CSD86350Q5D Datasheet
923Kb / 15P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD86350Q5D TI-CSD86350Q5D_11 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com