Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74-6SC1A Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce 74-6SC1A
Description  Available in Fast Acting and Slow Blow Types
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

74-6SC1A Datasheet(HTML) 1 Page - NTE Electronics

  74-6SC1A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
8
NTE Electronics, Inc. Voice (973) 748
?5089 FAX (973) 748?6224 http://www.nteinc.com
3AB Equivalent ? 6 x 30mm
Miniature Ceramic
Features
Available in Fast Acting and Slow Blow Types
RoHS Compliant
F?04
1.252 (31.8)
.250
(6.35)
.787 (20.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 10kA; 250VAC, 200A
Time Current Characteristics:
Fast Acting
% of Ampere Rating
Opening Time
110%
4 hours min.
135%
1 hour max.
200%
120 seconds max.
Slow Blow
% of Ampere
Rating
Opening Time
100mA to 3A
4A to 20A
110%
4 hours min.
4 hours min.
135%
1 hour max.
1 hour max.
200%
5
? 120 seconds
12
? 120 seconds
Ordering Information:
NTE Type No.
Rated Current
Diag No.
Fast Acting
Slow Blow
74
?6SC100MA
100mA
F
?04
74
?6FC125MA
74
?6SC125MA
125mA
F
?04
74
?6SC150MA
150mA
F
?04
74
?6SC175MA
175mA
F
?04
74
?6SC187MA
187mA
F
?04
74
?6SC200MA
200mA
F
?04
74
?6FC250MA
74
?6SC250MA
250mA
F
?04
74
?6SC300MA
300mA
F
?04
74
?6FC375MA
74
?6SC375MA
375mA
F
?04
74
?6SC400MA
400mA
F
?04
74
?6FC500MA
74
?6SC500MA
500mA
F
?04
74
?6SC600MA
600mA
F
?04
74
?6SC700MA
700mA
F
?04
74
?6FC750MA
74
?6SC750MA
750mA
F
?04
74
?6FC1A
74
?6SC1A
1.0A
F
?04
74
?6SC1.25A
1.25A
F
?04
74
?6SC1.5A
1.5A
F
?04
74
?6SC1.6A
1.6A
F
?04
74
?6FC2A
74
?6SC2A
2.0A
F
?04
74
?6SC2.5A
2.5A
F
?04
74
?6FC3A
74
?6SC3A
3.0A
F
?04
74
?6FC4A
74
?6SC4A
4.0A
F
?04
74
?6FC5A
74
?6SC5A
5.0A
F
?04
74
?6FC6A
6.0A
F
?04
74
?6SC6.25A
6.25A
F
?04
74
?6FC7A
74
?6SC7A
7.0A
F
?04
74
?6FC8A
74
?6SC8A
8.0A
F
?04
74
?6FC10A
74
?6SC10A
10A
F
?04
74
?6FC12A
74
?6SC12A
12A
F
?04
74
?6FC15A
74
?6SC15A
15A
F
?04
74
?6FC20A
74
?6SC20A
20A
F
?04
74
?6FC25A
25A
F
?04
Accessories:
Description
NTE Type No.
Fuse Clips
74
?FC6
Panel Mount Fuse Holder
74
?FH6
In
?Line Fuse Holder
74
?IFH6


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn