Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74-6FG400MA Datasheet(Fiches technique) 1 Page - NTE Electronics

Numéro de pièce 74-6FG400MA
Description  Available in Fast Acting and Slow Blow Types
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

74-6FG400MA Datasheet(HTML) 1 Page - NTE Electronics

  74-6FG400MA Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NEW
NEW
NEW
7
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
3AG Equivalent − 6 x 30mm
Miniature Glass
Features
Available in Fast Acting and Slow Blow Types
RoHS Compliant
F−04
1.252 (31.8)
.250
(6.35)
.787 (20.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 10kA; 250VAC, 200A
Time Current Characteristics:
Fast Acting
% of Ampere Rating
Opening Time
110%
4 hours min.
135%
1 hour max.
200%
120 seconds max.
Slow Blow
% of Ampere
Rating
Opening Time
100mA to 3A
4A to 20A
110%
4 hours min.
4 hours min.
135%
1 hour max.
1 hour max.
200%
5
− 120 seconds
12
− 120 seconds
Ordering Information:
NTE Type No.
Rated Current
Diag No.
Fast Acting
Slow Blow
74
−6FG100MA **
74
−6SG100MA
100mA
F
−04
74
−6FG125MA **
74
−6SG125MA
125mA
F
−04
74
−6FG150MA **
74
−6SG150MA
150mA
F
−04
74
−6FG175MA **
74
−6SG175MA
175mA
F
−04
74
−6FG187MA **
74
−6SG187MA
187mA
F
−04
74
−6FG200MA **
74
−6SG200MA
200mA
F
−04
74
−6FG250MA **
74
−6SG250MA
250mA
F
−04
74
−6FG300MA **
74
−6SG300MA
300mA
F
−04
74
−6FG375MA **
74
−6SG375MA
375mA
F
−04
74
−6FG400MA
74
−6SG400MA
400mA
F
−04
74
−6FG500MA
74
−6SG500MA
500mA
F
−04
74
−6FG600MA
74
−6SG600MA
600mA
F
−04
74
−6FG750MA
74
−6SG750MA
750mA
F
−04
74
−6FG1A
74
−6SG1A
1.0A
F
−04
74
−6FG1.25A
74
−6SG1.25A
1.25A
F
−04
74
−6FG1.5A
74
−6SG1.5A
1.5A
F
−04
74
−6FG1.6A
74
−6SG1.6A
1.6A
F
−04
74
−6FG2A
74
−6SG2A
2.0A
F
−04
74
−6FG2.5A
74
−6SG2.5A
2.5A
F
−04
74
−6FG3A
74
−6SG3A
3.0A
F
−04
74
−6FG3.5A
74
−6SG3.5A
3.5A
F
−04
74
−6FG4A
74
−6SG4A
4.0A
F
−04
74
−6FG5A
74
−6SG5A
5.0A
F
−04
74
−6FG6A
74
−6SG6A**
6.0A
F
−04
74
−6FG7A
74
−6SG7A
7.0A
F
−04
74
−6FG8A
74
−6SG8A
8.0A
F
−04
74
−6FG10A
74
−6SG10A
10A
F
−04
74
−6FG12A
74
−6SG12A **
12A
F
−04
74
−6FG15A
74
−6SG15A
15A
F
−04
74
−6FG20A
74
−6SG20A
20A
F
−04
** Not UL Approved.
Accessories:
Description
NTE Type No.
Fuse Clips
74
−FC6
Panel Mount Fuse Holder
74
−FH6
In
−Line Fuse Holder
74
−IFH6


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn