Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74-3FG4A Fiches technique(PDF) 1 Page - NTE Electronics

No de pièce 74-3FG4A
Description  Glass Microfuse, Fast Acting&Slow Blow
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NTE [NTE Electronics]
Site Internet  http://www.nteinc.com
Logo NTE - NTE Electronics

74-3FG4A Fiches technique(HTML) 1 Page - NTE Electronics

  74-3FG4A Datasheet HTML 1Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3
NTE Electronics, Inc. Voice (973) 748
−5089 FAX (973) 748−6224 http://www.nteinc.com
3.6 x 10mm Glass Microfuse, Fast Acting
Features
RoHS Compliant
.142
(3.6)
F−01
.394 (10.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 50A; 250VAC, 50A
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
4 hours min.
150%
10 minutes max.
200%
5 seconds max.
Ordering Information:
NTE Type No. (Note 1)
Rated Current
Diag No.
74
−3FG100MA
100mA
F
−01
74
−3FG125MA
125mA
F
−01
74
−3FG1A
1.0A
F
−01
74
−3FG2A
2.0A
F
−01
74
−3FG2.5A
2.5A
F
−01
74
−3FG3A
3.0A
F
−01
74
−3FG4A
4.0A
F
−01
74
−3FG5A
5.0A
F
−01
Accessories:
Description
NTE Type No.
Fuse Clips
74
−FC3
3.6 x 10mm Glass Microfuse, Slow Blow
Features
RoHS Compliant
.142
(3.6)
F−01
.394 (10.0)
Specifications
Rated Voltage: 125V / 250V
Breaking Capacity: 125VAC, 50A; 250VAC, 50A
Time Current Characteristics:
% of Ampere Rating
Opening Time
110%
4 hours min.
150%
10 minutes max.
200%
120 seconds max.
Ordering Information:
NTE Type No. (Note 1)
Rated Current
Diag No.
74
−3SG500MA
500mA
F
−01
74
−3SG800MA
800mA
F
−01
74
−3SG1A
1.0A
F
−01
74
−3SG1.25A
1.25A
F
−01
74
−3SG2A
2.0A
F
−01
74
−3SG2.5A
2.5A
F
−01
74
−3SG3A
3.0A
F
−01
74
−3SG4A
4.0A
F
−01
74
−3SG5A
5.0A
F
−01
74
−3SG6A
6.0A
F
−01
Accessories:
Description
NTE Type No.
Fuse Clips
74
−FC3


Numéro de pièce similaire - 74-3FG4A

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
74-10FC10A NTE-74-10FC10A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC12A NTE-74-10FC12A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC15A NTE-74-10FC15A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC1A NTE-74-10FC1A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
74-10FC20A NTE-74-10FC20A Datasheet
823Kb / 1P
   10 x 38mm Ceramic, Fast Acting
More results

Description similaire - 74-3FG4A

FabricantNo de pièceFiches techniqueDescription
logo
NTE Electronics
74-MF250MA NTE-74-MF250MA Datasheet
372Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FC125MA NTE-74-6FC125MA Datasheet
827Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-6FG100MA NTE-74-6FG100MA Datasheet
900Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FC100MA NTE-74-5FC100MA Datasheet
801Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-4FG375MA NTE-74-4FG375MA Datasheet
441Kb / 1P
   Available in Fast Acting and Slow Blow Types
74-5FG100MA NTE-74-5FG100MA Datasheet
668Kb / 1P
   Available in Fast Acting and Slow Blow Types
logo
GOOD-ARK Electronics
S0603S GOOD-ARK-S0603S Datasheet
227Kb / 2P
   Slow Blow
logo
Protek Devices
PF0603S PROTEC-PF0603S_15 Datasheet
479Kb / 6P
   SLOW BLOW FUSES
PF0603S PROTEC-PF0603S Datasheet
476Kb / 6P
   slow blow fuses
logo
Bel Fuse Inc.
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
   Slow Blow Fuse Series
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com