Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML124S-12RW Fiches technique(PDF) 1 Page - MicroPower Direct, LLC

No de pièce ML124S-12RW
Description  Ultra-Compact, 1W Wide 2:1 Input, SMT DC/DC Con vert ers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPD [MicroPower Direct, LLC]
Site Internet  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

ML124S-12RW Fiches technique(HTML) 1 Page - MicroPower Direct, LLC

  ML124S-12RW Datasheet HTML 1Page - MicroPower Direct, LLC ML124S-12RW Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Key Features:
1W Output Power
Ultra-Compact SMT Case
Wide 2:1 Input
1,500 VDC Isolation
Single & Dual Outputs
-40ºC to +85ºC Operation
20 Standard Models
Tight Line/Load Regulation
Available on Tape/Reel
ML100RW
Ultra-Compact, 1W
Wide 2:1 Input, SMT
DC/DC Converters
Series
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
5 VDC Input
4.5
5.0
9.0
VDC
12 VDC Input
9.0
12.0
18.0
24 VDC Input
18.0
24.0
36.0
48 VDC Input
36.0
48.0
75.0
Start Up Voltage
5 VDC Input
4.5
VDC
12 VDC Input
9.0
24 VDC Input
18.0
48 VDC Input
36.0
Input Filter
Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
At 50% Load
±1.0
%
Line Regulation
For VIN = Min to Max
±0.2
%
Load Regulation
For IOUT = Min to Max
±1.0
%
Single
For IOUT = 10% to 100%
±0.5
Dual
±0.8
Ripple & Noise (20 MHz)
See Note 2
30
mV P - P
Transient Response Time, See Note 3
25% Load Step Change
250
µS
Transient Response Deviation
±3
%
Temperature Coefficient
±0.02
%/ºC
Output Short Circuit
Continuous (Autorecovery)
General
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation Voltage
60 Seconds
1,500
VDC
Isolation Resistance
500 VDC
1,000
M
Isolation Capacitance
100 kHz, 1V
50
pF
Switching Frequency
220
kHz
Remote On/Off
Parameter
Conditions
Min.
Typ.
Max.
Units
Supply On
Open or High Impedance
Supply Off
See Note 4
2.0
4.0
mA
Standby Input Current
2.5
mA
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+85
ºC
Operating Temperature Range
Case
+95
ºC
Storage Temperature Range
-50
+125
ºC
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Physical
Case Size
See Mechanical Drawing (Page 2)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.15 Oz (4.5g)
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
2.80
MHours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D Level 2
Absolute Maximum Ratings
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Surge (1 Sec)
5 VDC Input
-0.7
15.0
VDC
12 VDC Input
-0.7
25.0
24 VDC Input
-0.7
50.0
48 VDC Input
-0.7
100.0
Peak Reflow Temperature
See Note 5
245
ºC
Lead Temperature
1.5 mm From Case For 10 Sec.
260
ºC
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com


Numéro de pièce similaire - ML124S-12RW

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
ML124S03 MPD-ML124S03 Datasheet
305Kb / 2P
   ML100S SERIES
ML124S05 MPD-ML124S05 Datasheet
305Kb / 2P
   ML100S SERIES
ML124S05E MPD-ML124S05E Datasheet
291Kb / 2P
   ML100SE SERIES
ML124S05EI MPD-ML124S05EI Datasheet
291Kb / 2P
   ML100SEI SERIES
ML124S05ER MPD-ML124S05ER Datasheet
287Kb / 2P
   ML100SER SERIES
More results

Description similaire - ML124S-12RW

FabricantNo de pièceFiches techniqueDescription
logo
MicroPower Direct, LLC
ML300RU MPD-ML300RU Datasheet
687Kb / 2P
   Ultra-Compact, 3W Wide 4:1 Input, SMT DC/DC Con vert ers
ML100MRI4 MPD-ML100MRI4 Datasheet
253Kb / 2P
   Medical Approved Compact SMT, 1W DC/DC Con vert ers
MR08XXRUI MPD-MR08XXRUI Datasheet
569Kb / 2P
   Ultra-Wide Input, 8W Compact DIP, Railway DC/DC Con vert ers
B2000RW MPD-B2000RW Datasheet
261Kb / 2P
   Compact 1 x 2 Inch 20W Wide Input Range DC/DC Con vert ers
MPV1560RI4 MPD-MPV1560RI4 Datasheet
603Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MPV1060RI4 MPD-MPV1060RI4 Datasheet
563Kb / 5P
   Ultra Wide Input, Compact Industrial Grade, PV Power DC/DC Con vert ers
MHI200LRI8 MPD-MHI200LRI8 Datasheet
552Kb / 2P
   Compact, 2W SMT Ultra-High Isolation DC/DC Con vert ers
MI2500RU MPD-MI2500RU Datasheet
805Kb / 4P
   Compact, 25W, 4:1 Input Range DC/DC Con vert ers
MB1500MRWRI4 MPD-MB1500MRWRI4 Datasheet
480Kb / 4P
   EN 60601 Approved Compact, 2:1 Input, 15W DC/DC Con vert ers
MG600RU MPD-MG600RU Datasheet
462Kb / 2P
   Compact, 6W 4:1 Input, MiniDIP DC/DC Con vert ers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com