Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2459 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce LM2459
Description  Monolithic Single Channel 15 MHz DTV CRT Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM2459 Fiches technique(HTML) 4 Page - Texas Instruments

  LM2459 Datasheet HTML 1Page - Texas Instruments LM2459 Datasheet HTML 2Page - Texas Instruments LM2459 Datasheet HTML 3Page - Texas Instruments LM2459 Datasheet HTML 4Page - Texas Instruments LM2459 Datasheet HTML 5Page - Texas Instruments LM2459 Datasheet HTML 6Page - Texas Instruments LM2459 Datasheet HTML 7Page - Texas Instruments LM2459 Datasheet HTML 8Page - Texas Instruments LM2459 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
95
100
105
22
26
30
34
38
42
OFFSET VOLTAGE (V)
tf
tr
30
40
50
60
70
80
90
100
CASE TEMPERATURE (°C)
20
25
30
35
40
45
50
55
tf
tr
FREQUENCY (MHz)
1
10
100
-15
-12
-9
-6
-3
0
3
8
10
12
14
16
18
20
LOAD CAPACITANCE (pF)
24
28
32
36
40
44
48
tf
tr
0
1
2
3
4
5
0
20
40
60
80
100
120
140
160
180
200
VIN (V)
125 ns/DIV
tf = 30 ns
tr = 26 ns
OBSOLETE
LM2459
SNOSA66B – MAY 2004 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = +180VDC, VBB = +8VDC, CL = 10pF, VOUT = 130VPP (35V − 165V), Test Circuit - Figure 3, Pin 6 floating, unless
otherwise specified)
Figure 4. VOUT vs VIN
Figure 5. LM2459 Pulse Response
Figure 6. Bandwidth
Figure 7. Speed vs Load Capacitance
Figure 8. Speed vs Offset
Figure 9. Speed vs Case Temperature
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM2459


Numéro de pièce similaire - LM2459

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2459 NSC-LM2459 Datasheet
578Kb / 11P
   Monolithic Single Channel 15 MHz DTV CRT Driver
LM2459TE NSC-LM2459TE Datasheet
578Kb / 11P
   Monolithic Single Channel 15 MHz DTV CRT Driver
More results

Description similaire - LM2459

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2459 NSC-LM2459 Datasheet
578Kb / 11P
   Monolithic Single Channel 15 MHz DTV CRT Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
logo
Texas Instruments
LM2429 TI1-LM2429 Datasheet
901Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 15 MHz DTV Driver
logo
National Semiconductor ...
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2429 NSC-LM2429 Datasheet
723Kb / 12P
   Monolithic Triple Channel 15 MHz DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422_0505 NSC-LM2422_0505 Datasheet
602Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com